Electronic Components Datasheet Search
  English  ▼

X  

CX28331 Datasheet(PDF) 58 Page - Synaptics Incorporated.

Part # CX28331
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 Datasheet(HTML) 58 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 54Page - Synaptics Incorporated. CX28331 Datasheet HTML 55Page - Synaptics Incorporated. CX28331 Datasheet HTML 56Page - Synaptics Incorporated. CX28331 Datasheet HTML 57Page - Synaptics Incorporated. CX28331 Datasheet HTML 58Page - Synaptics Incorporated. CX28331 Datasheet HTML 59Page - Synaptics Incorporated. CX28331 Datasheet HTML 60Page - Synaptics Incorporated. CX28331 Datasheet HTML 61Page - Synaptics Incorporated. CX28331 Datasheet HTML 62Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
3.0 Applications
CX28331/CX28332/CX28333
3.1 PCB Design Considerations for CX2833i
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
3-2
Conexant
100985A
3.1.2 Impedance Matching
It is critical that traces around the transformers and matching resistors be kept to a
minimum length and, in the following cases, the trace impedance be matched to
75
Ω with a
±10% tolerance:
•
The impedance from the BNC connector to the transformer
•
The impedance from the transformer to the matching resistors
3.1.3 Other Passive Parts
The reference design uses the Pulse T3001 extended temperature range 1:1
transformer for the coupling of the BNC connector to the device.
The ferrite beads used to decouple the receive- and transmit-VDD pins on all
analog input VDD pins are type 2508056017Y0 from Fair-Rite Products
Corporation. The bulk capacitor used for where the power enters the board
should be a tantulum–type capacitor, the recommended value and type is a 220 µf
tantulum capacitor.
3.1.4 IBIS Models
IBIS (Input/Output Buffer Interface Specification) models for the
CX28331/CX28332/CX28333-1x and -3x are available from Conexant’s web site
(www.conexant.com).
3.1.5 Recommended Vendors
Product: Transformers
Product: Ferrite Beads
America
Address:
Telo:
Fax:
Pulse
Corporate Office
12220 World Trade Drive
San Diego, CA 92128
858-674-8100
858-674-8262
Telo:
Web site:
Fair-Rite Products Corp.
P.O. Box J
One Commercial Row
Wallkill, NY 12589
914-895-2055
www.Fair-Rite.com
Northern Asia
Telo:
Pulse
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Tapei Hsien, Taiwan
R.O.C.
886-2-26980228
886-2-26980948
Product: Crystals
Northern Europe
Telo:
Fax:
Pulse
1S2 Huxley Road
The Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
44-1483-401700
44-1483-401701
Telo:
Fax:
E-mail:
Web site:
Crystek Corp.
12730 Commonwealth Drive
Fort Myers, FL 33913
800-237-3061
941-561-1025
sales@crystek.com
www.crystek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com