Electronic Components Datasheet Search
  English  ▼

X  

CX28332 Datasheet(PDF) 44 Page - Synaptics Incorporated.

Part # CX28332
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28332 Datasheet(HTML) 44 Page - Synaptics Incorporated.

Back Button CX28332 Datasheet HTML 40Page - Synaptics Incorporated. CX28332 Datasheet HTML 41Page - Synaptics Incorporated. CX28332 Datasheet HTML 42Page - Synaptics Incorporated. CX28332 Datasheet HTML 43Page - Synaptics Incorporated. CX28332 Datasheet HTML 44Page - Synaptics Incorporated. CX28332 Datasheet HTML 45Page - Synaptics Incorporated. CX28332 Datasheet HTML 46Page - Synaptics Incorporated. CX28332 Datasheet HTML 47Page - Synaptics Incorporated. CX28332 Datasheet HTML 48Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.3 Receiver
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-12
Conexant
100985A
When ENDECDIS = 1, the decoder is disabled, and the retimed slicer outputs
are sent out over RPOS (RNRZ) and RNEG (RLCV) pins. These outputs are then
decoded by the Framer or other downstream device. Line code violations are not
detected in this mode of operation. The decoder is configurable for either:
•
E3 mode using HDB3 coding (E3MODE = 1)
•
DS3/STS-1 mode using B3ZS coding (E3MODE = 0)
The receiver digital data outputs are centered on the rising edge of RCLK
(see Section 2.9).
2.3.7 Data Squelching
A counter in the receiver keeps track of the number of consecutive symbol
periods without a valid data pulse. When 128 or more 0s in a row are counted, the
receiver assumes that it has lost the signal and resets itself to try and regain the
signal. While the receiver is reacquiring the signal, the clock recovery block locks
to the reference clock and the data squelching is achieved by forcing the data bits
to zero. The data squelching is true in both NRZ and dual rail mode. When the
input signal has been properly amplified and equalized, the clock recovery PLL
will then switch to the incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com