Electronic Components Datasheet Search
  English  ▼

X  

CX28332 Datasheet(PDF) 23 Page - Synaptics Incorporated.

Part # CX28332
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28332 Datasheet(HTML) 23 Page - Synaptics Incorporated.

Back Button CX28332 Datasheet HTML 19Page - Synaptics Incorporated. CX28332 Datasheet HTML 20Page - Synaptics Incorporated. CX28332 Datasheet HTML 21Page - Synaptics Incorporated. CX28332 Datasheet HTML 22Page - Synaptics Incorporated. CX28332 Datasheet HTML 23Page - Synaptics Incorporated. CX28332 Datasheet HTML 24Page - Synaptics Incorporated. CX28332 Datasheet HTML 25Page - Synaptics Incorporated. CX28332 Datasheet HTML 26Page - Synaptics Incorporated. CX28332 Datasheet HTML 27Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-13
Figure 1-6. CX28333-3x Pin Diagram
100985_006
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DVDDC
ENDECDIS
PD2
RLOOP2
LLOOP2
RNEG2 / RLCV2
RPOS2 / RNRZ2
RCLK2
RLOS2
NC
NC
NC
TAIS2
TCLK2
TPOS2/TNRZ2
TNEG2/NC2
TLOS2
REFCLK2
REQH2
XOE2
LBO2
TMONTST
E3MODE
NC
DVSSC
TMON1P
TLINE1P
TLINE1M
TMON1M
TVDD1
RVDD1
RLINE1P
RLINE1M
RVSS1
TVSS2
TMON2P
TLINE2P
TLINE2M
TMON2M
TVDD2
RVDD2
RLINE2P
RLINE2M
RVSS2
TVSS3
TMON3P
TLINE3P
TLINE3M
TMON3M
TVDD3
CX28333-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com