Electronic Components Datasheet Search
  English  ▼

X  

CX28332 Datasheet(PDF) 22 Page - Synaptics Incorporated.

Part # CX28332
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28332 Datasheet(HTML) 22 Page - Synaptics Incorporated.

Back Button CX28332 Datasheet HTML 18Page - Synaptics Incorporated. CX28332 Datasheet HTML 19Page - Synaptics Incorporated. CX28332 Datasheet HTML 20Page - Synaptics Incorporated. CX28332 Datasheet HTML 21Page - Synaptics Incorporated. CX28332 Datasheet HTML 22Page - Synaptics Incorporated. CX28332 Datasheet HTML 23Page - Synaptics Incorporated. CX28332 Datasheet HTML 24Page - Synaptics Incorporated. CX28332 Datasheet HTML 25Page - Synaptics Incorporated. CX28332 Datasheet HTML 26Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
1.0 Pin Description
CX28331/CX28332/CX28333
1.1 Pin Assignments
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1-12
Conexant
100985A
Figure 1-5. CX28332-3x Pin Diagram
100985_016
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DVDDC
ENDECDIS
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
TMONTST
E3MODE
NC
DVSSC
TMON1P
TLINE1P
TLINE1M
TMON1M
TVDD1
RVDD1
RLINE1P
RLINE1M
RVSS1
VSS
NC
NC
NC
NC
VDD
VDD
NC
NC
VSS
TVSS2
TMON2P
TLINE2P
TLINE2M
TMON2M
TVDD2
CX28332-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com