Electronic Components Datasheet Search
  English  ▼

X  

DS3695 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3695 Datasheet HTML 1Page - National Semiconductor (TI) DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
0 C s TA s a70 C 475V k VCC k 525V unless otherwise specified (Notes23)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOSD
Driver Short-Circuit Output Current
VO eb7V (Note 5)
b
250
mA
VO ea12V (Note 5)
a
250
mA
IOSR
Receiver Short-Circuit Output Current
VO e 0V
b
15
b
85
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device should
be operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to device ground unless otherwise
specified
Note 3
All typicals are given for VCC e 5V and TA e 25 C
Note 4
Derate linearly at 111 mW C to 570 mW at 70 C
Note 5
All limits for which Note 5 is applied must be derated by 10% for DS3695T and DS3696T Other parameters remain the same for this extended temperature
range device (b40 C s TA s a85 C)
Switching Characteristics
0 C s TA s a70 C 475V k VCC k 525V unless otherwise specified (Notes 3 6)
Receiver Switching Characteristics (Figures 2 3 and4)
Symbol
Conditions
Min
Typ
Max
Units
tPLH
CL e 15 pF
15
25
37
ns
tPHL
S1 and S2
15
25
37
ns
ltPLH–tPHLl
Closed
0ns
tPLZ
CL e 15 pF S2 Open
5
12
16
ns
tPHZ
CL e 15 pF S1 Open
5
12
16
ns
tPZL
CL e 15 pF S2 Open
7
15
20
ns
tPZH
CL e 15 pF S1 Open
7
15
20
ns
Driver Switching Characteristics
Symbol
Conditions
Min
Typ
Max
Units
SINGLE ENDED CHARACTERISTICS
(Figures 5 6 and 7)
tPLH
RLDIFF e 60X
915
22
ns
tPHL
CL1 e CL2 e 100 pF
915
22
ns
tSKEW
ltPLH–tPHLl
28
ns
tPLZ
CL e 15 pF S2 Open
7
15
30
ns
tPHZ
CL e 15 pF S1 Open
7
15
30
ns
tPZL
CL e 100 pF S2 Open
30
35
50
ns
tPZH
CL e 100 pF S1 Open
30
35
50
ns
DIFFERENTIAL CHARACTERISTICS (
Figures 5 and 8 )
tr tf
RLDIFF e 60X
610
18
ns
CL1 e CL2 e 100 pF
Note 6
Switching Characteristics apply for DS3695 DS3695T DS3696 DS3696T DS3697 only
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com