Electronic Components Datasheet Search
  English  ▼

X  

DS3695 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) DS3695 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Function Tables
DS3695DS3696 Transmitting
Inputs
Thermal
Outputs
RE
DE
DI
Shutdown
DO
DO
TS
(DS3696 Only)
X
1
1
OFF
0
1
H
X
1
0
OFF
1
0
H
X
0
X
OFF
Z
Z
H
X1
X
ON
Z
Z
L
DS3695DS3696 Receiving
Inputs
Outputs
RE
DE
RI – RI
RO
TS
(DS3696 Only)
00
t a
02V
1
H
00
s b
02V
0
H
10
X
Z
H
DS3697DS3698
Inputs
Thermal
Outputs
E
RI-RI
Shutdown
DO
DO
RO
TS
(DS3697 Only)
(DS3698 Only)
1
t a
02V
OFF
0
1
1
H
1
s b
02V
OFF
1
0
0
H
0
X
OFF
Z
Z
Z
H
1
t a
02V
ON
Z
Z
1
L
1
s b
02V
ON
Z
Z
0
L
XDon’t care condition
ZHigh impedance state
TS is an ‘‘open collector’’ output with an on-chip 10 kX pull-up resistor that reports the occurrence of a thermal shutdown of the device
Typical Application
TLF10408 – 11
Note
Repeater control logic not shown see AN-702
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com