Electronic Components Datasheet Search
  English  ▼

X  

DS3695 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS3695 Datasheet HTML 1Page - National Semiconductor (TI) DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF10408
March 1996
DS3695DS3695TDS3696DS3696TDS3697DS3698
Multipoint RS485RS422 TransceiversRepeaters
General Description
The DS3695 DS3696 DS3697 and DS3698 are high speed
differential TRI-STATE
busline transceiversrepeaters
designed to meet the requirements of EIA standard RS485
with extended common mode range (a12V to b7V) for
multipoint data transmission
The driver and receiver outputs feature TRI-STATE capabili-
ty The driver outputs remain in TRI-STATE over the entire
common mode range of a12V to b7V Bus faults that
cause excessive power dissipation within the device trigger
a thermal shutdown circuit which forces the driver outputs
into the high impedance state The DS3696 and DS3698
provide an output pin TS (thermal shutdown) which reports
the occurrence of the thermal shutdown of the device This
is an ‘‘open collector’’ pin with an internal 10 kX pull-up
resistor This allows the line fault outputs of several devices
to be wire OR-ed
Both AC and DC specifications are guaranteed over the 0 C
to 70 C temperature and 475V to 525V supply voltage
range
Features
Y
Meets EIA standard RS485 for multipoint bus transmis-
sion and is compatible with RS-422
Y
15 ns driver propagation delays with 2 ns skew (typical)
Y
Single a5V supply
Y
b
7V to a12V bus common mode range permits g7V
ground difference between devices on the bus
Y
Thermal shutdown protection
Y
High impedance to bus with driver in TRI-STATE or
with power off over the entire common mode range al-
lows the unused devices on the bus to be powered
down
Y
Combined impedance of a driver output and receiver in-
put is less than one RS485 unit load allowing up to 32
transceivers on the bus
Y
70 mV typical receiver hysteresis
Connection and Logic Diagrams
TLF10408 – 1
Top View
TLF10408 – 12
Top View
TLF10408 – 13
Top View
TLF10408 – 14
Top View
Order Number DS3695N DS3696N DS3697N DS3698N
DS3695TN DS3696TN DS3695TJ or DS3696TJ
See NS Package Number J08A or N08E
Note
TS pin was LF (Line Fault) in previous datasheets and reports the occurrence of a thermal shutdown of the device
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M76Printed in U S A
http
www nationalcom


Similar Part No. - DS3695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Texas Instruments
DS3695 TI1-DS3695 Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695 TI1-DS3695 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS36950 NSC-DS36950 Datasheet
776Kb / 12P
Quad Differential Bus Transceiver
logo
Texas Instruments
DS36950 TI1-DS36950 Datasheet
518Kb / 17P
Quad Differential Bus Transceiver
More results

Similar Description - DS3695

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695AMX TI-DS3695AMX Datasheet
807Kb / 13P
DS3695A/DS3695AT/DS3696A Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com