Electronic Components Datasheet Search
  English  ▼

X  

AD8232 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8232
Description  Single-Lead, Heart Rate Monitor Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8232 Datasheet HTML 7Page - Analog Devices AD8232 Datasheet HTML 8Page - Analog Devices AD8232 Datasheet HTML 9Page - Analog Devices AD8232 Datasheet HTML 10Page - Analog Devices AD8232 Datasheet HTML 11Page - Analog Devices AD8232 Datasheet HTML 12Page - Analog Devices AD8232 Datasheet HTML 13Page - Analog Devices AD8232 Datasheet HTML 14Page - Analog Devices AD8232 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD8232
Data Sheet
Rev. B | Page 10 of 28
OPERATIONAL AMPLIFIER PERFORMANCE CURVES
Figure 21. Operational Amplifier Offset Distribution
Figure 22. Operational Amplifier Open-Loop Gain and Phase vs.
Frequency
Figure 23. Operational Amplifier Small Signal Response for
Various Capacitive Loads
Figure 24. Operational Amplifier Large Signal Transient Response
Figure 25. Operational Amplifier Voltage Spectral Noise Density vs. Frequency
Figure 26. Operational Amplifier 0.1 Hz to 10 Hz Noise
1000
200
400
600
800
0
–4
–2
0
4
2
OFFSET VOLTAGE (mV)
140
–40
180
0
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
20
40
60
80
100
120
140
160
–20
0
20
40
60
80
100
120
GAIN
PHASE MARGIN
50mV/DIV
10µS/DIV
22pF
470pF
1nF
100µV/DIV
0.5V/DIV
10k
1k
100
10
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
5µV/DIV
1s/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com