Electronic Components Datasheet Search
  English  ▼

X  

AD8232 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8232
Description  Single-Lead, Heart Rate Monitor Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8232 Datasheet HTML 8Page - Analog Devices AD8232 Datasheet HTML 9Page - Analog Devices AD8232 Datasheet HTML 10Page - Analog Devices AD8232 Datasheet HTML 11Page - Analog Devices AD8232 Datasheet HTML 12Page - Analog Devices AD8232 Datasheet HTML 13Page - Analog Devices AD8232 Datasheet HTML 14Page - Analog Devices AD8232 Datasheet HTML 15Page - Analog Devices AD8232 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD8232
Rev. B | Page 11 of 28
Figure 27. Operational Amplifier 0.5 Hz to 40 Hz Noise
Figure 28. Operational Amplifier Bias Current vs. Input
Common-Mode Voltage
Figure 29. Operational Amplifier Output Voltage Swing vs.
Output Current
Figure 30. Operational Amplifier Power Supply Rejection Ratio
Figure 31. Operational Amplifier Load Transient Response
(100 μA Load Change)
Figure 32. Operational Amplifier Offset vs. Temperature
5µV/DIV
200ms/DIV
100
–100
03.5
INPUT COMMON-MODE VOLTAGE (V)
–80
–60
–40
–20
0
20
40
60
80
0.5
1.0
1.5
2.0
2.5
3.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
100
1M
100k
10k
1k
LOAD (Ω)
–40-°C
+25°C
+85°C
120
0
10
20
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
110
20V/DIV
10µV/DIV
0.8
–0.8
–40
–20
0
204060
100
80
TEMPERATURE (°C)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com