Electronic Components Datasheet Search
  English  ▼

X  

AD8232 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8232
Description  Single-Lead, Heart Rate Monitor Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8232 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8232 Datasheet HTML 10Page - Analog Devices AD8232 Datasheet HTML 11Page - Analog Devices AD8232 Datasheet HTML 12Page - Analog Devices AD8232 Datasheet HTML 13Page - Analog Devices AD8232 Datasheet HTML 14Page - Analog Devices AD8232 Datasheet HTML 15Page - Analog Devices AD8232 Datasheet HTML 16Page - Analog Devices AD8232 Datasheet HTML 17Page - Analog Devices AD8232 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD8232
Rev. B | Page 13 of 28
RIGHT LEG DRIVE (RLD) AMPLIFIER PERFORMANCE CURVES
Figure 34. RLD Amplifier Open-Loop Gain and Phase vs.
Frequency
Figure 35. RLD Amplifier Output Voltage Swing vs.
Output Current
Figure 36. RLD Amplifier Voltage Spectral Noise Density vs. Frequency
Figure 37. RLD Amplifier 0.1 Hz to 10 Hz Noise
Figure 38. RLD Amplifier 0.5 Hz to 40 Hz Noise
140
–40
180
0
0.01
1M
100k
10k
1k
100
10
1
0.1
FREQUENCY (Hz)
20
40
60
80
100
120
140
160
–20
0
20
40
60
80
100
120
GAIN
PHASE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
100
1M
100k
10k
1k
LOAD (Ω)
–40-°C
+25°C
+85°C
10k
1k
100
10
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
5µV/DIV
1s/DIV
5µV/DIV
200ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com