Electronic Components Datasheet Search
  English  ▼

X  

MAX4284EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4284EEE
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4284EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4284EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4174/MAX4175/MAX4274/MAX4275 Gain-
Amp™ family combines a low-cost Rail-to-Rail® op amp
with precision internal gain-setting resistors and VCC / 2
biasing. Factory-trimmed on-chip resistors decrease
design size, cost, and layout, and provide 0.1% gain
accuracy. Fixed inverting gains from -0.25V/V to
-100V/V or noninverting gains from +1.25V/V to
+101V/V are available. These devices operate from a
single +2.5V to +5.5V supply and consume only 300µA.
GainAmp amplifiers are optimally compensated for
each gain version, achieving exceptional GBW prod-
ucts up to 23MHz (AV = +25V/V to +101V/V). High-volt-
age fault protection withstands ±17V at either input
without excessive current draw.
Three versions are available in this amplifier family: single/
dual/quad open-loop, unity-gain stable (MAX4281/
MAX4282/MAX4284); single/dual fixed gain (MAX4174/
MAX4274); and single/dual fixed gain plus internal
VCC / 2 bias at the noninverting input (MAX4175/
MAX4275), which simplifies input biasing in single-supply
designs. The input common-mode voltage range of the
open-loop amplifiers extends from 150mV below the
negative supply to within 1.2V of the positive supply.
The outputs can swing rail-to-rail and drive a 1k
Ω load
while maintaining excellent DC accuracy. The amplifier
is stable for capacitive loads up to 470pF.
Applications
Portable Instruments
Smart-Card Readers
Instruments, Terminals,
Infrared Receivers for
and Bar-Code Readers
Remote Controls
Keyless Entry
Low-Side Current-Sense
Photodiode Preamps
Amplifiers
Features
o GainAmp Family Provides Internal Precision
Gain-Setting Resistors in SOT23 (MAX4174/5)
o 0.1% Gain Accuracy (RF/RG) (MAX4174/5,
MAX4274/5)
o 54 Standard Gains Available (MAX4174/5,
MAX4274/5)
o Open-Loop Unity-Gain-Stable Op Amps
(MAX4281/2/4)
o Rail-to-Rail Outputs Drive 1k
Ω Load
o Internal VCC / 2 Biasing (MAX4175/MAX4275)
o +2.5V to +5.5V Single Supply
o 300µA Supply Current
o Up to 23MHz GBW Product
o Fault-Protected Inputs Withstand ±17V
o Stable with Capacitive Loads Up to 470pF with
No Isolation Resistor
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
________________________________________________________________
Maxim Integrated Products
1
19-1407; Rev 3; 8/99
PART*
MAX4174_EUK-T
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
Ordering Information continued at end of data sheet.
*
Insert the desired gain code (from the Gain Selection Guide)
in the blank to complete the part number.
†† Refer to the Gain Selection Guide for a list of preferred gains
and SOT Top Marks.
Ordering Information
GainAmp is a trademark of Maxim Integrated Products. Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
†Patent pending
Pin Configurations
Typical Operating Circuit
MAX4175
INPUT
IN-
IN+
+5V
RB
RB
OUT
VCC
VCC
VEE
VEE
RG
0.1
µF
RF
0.1
µF
0.1
µF
TOP VIEW
MAX4174
5
4
1
2
3
IN-
OUT
VCC
VEE
RG
RF
IN+
+
SOT23-5
Selector Guide appears at end of data sheet.
Pin Configurations continued at end of data sheet.
TOP
MARK
††
MAX4175_EUK-T
††
-40°C to +85°C
5 SOT23-5


Similar Part No. - MAX4284EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4285 MAXIM-MAX4285 Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285ESA MAXIM-MAX4285ESA Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4285EUT-T MAXIM-MAX4285EUT-T Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286 MAXIM-MAX4286 Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
MAX4286ESA MAXIM-MAX4286ESA Datasheet
377Kb / 16P
3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
19-1500; Rev 0; 4/00
More results

Similar Description - MAX4284EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4074 MAXIM-MAX4074 Datasheet
412Kb / 20P
Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
19-1526; Rev 1; 10/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4236 MAXIM-MAX4236 Datasheet
455Kb / 14P
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Rev 0; 8/01
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com