Electronic Components Datasheet Search
  English  ▼

X  

MAX4284EEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX4284EEE
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4284EEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX4284EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 18Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 19Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
18
______________________________________________________________________________________
Ordering Information (continued)
TRANSISTOR COUNTS:
MAX4174: 178
MAX4175: 178
MAX4274: 332
MAX4275: 332
MAX4281: 178
MAX4282: 332
MAX4284: 328
SUBSTRATE CONNECTED TO VEE
Selector Guide
Note: Refer to Gain Selection Guide for SOT top marks.
*
Insert the desired gain code (from the Gain Selection Guide) in
the blank to complete the part number. Refer to Gain Selection
Guide for a list of preferred gains.
Chip Information
INVERTING GAINS
AVAILABLE (V/V)
(INVERTING, RF/RG)
NONINVERTING
GAIN
(V/V)
MAX4174_
-0.25 to -100
+1.25 to +101
INTERNAL
RESISTORS
Yes
INTERNAL
VCC/2 BIAS
PART*
No
NO. OF
AMPS PER
PACKAGE
1
PIN-PACKAGE
5-pin SOT23
MAX4175_
-0.25 to -100
+1.25 to +101
Yes
Yes
1
5-pin SOT23
MAX4274_
-0.25 to -100
+1.25 to +101
Yes
No
2
8-pin µMAX/SO
MAX4275_
-0.25 to -100
+1.25 to +101
Yes
Yes
2
8-pin µMAX/SO
MAX4281_
Open Loop,
Unity-Gain Stable
No
No
1
5-pin SOT23,
8-pin SO
MAX4282_
Open Loop,
Unity-Gain Stable
No
No
2
8-pin µMAX/SO
MAX4284_
Open Loop,
Unity-Gain Stable
No
No
4
14-pin SO/TSSOP,
16-pin QSOP
PART*
MAX4281EUK-T
-40°C to +85°C
MAX4274_EUA
-40°C to +85°C
5 SOT23-5
MAX4281ESA
TEMP. RANGE
PIN-
PACKAGE
-40°C to +85°C
8 SO
8 µMAX
MAX4274_ESA
MAX4284EUD
-40°C to +85°C
MAX4282EUA
-40°C to +85°C
-40°C to +85°C
8 SO
14 TSSOP
MAX4284EEE
-40°C to +85°C
16 QSOP
8 µMAX
MAX4282ESA
-40°C to +85°C
8 SO
MAX4275_EUA
-40°C to +85°C
8 µMAX
MAX4275_ESA
-40°C to +85°C
8 SO
ACDR
TOP
MARK
—
—
—
—
—
—
—
—
—
*
Insert the desired gain code (from the Gain Selection Guide) in the blank to complete the part number.
MAX4284ESD
-40°C to +85°C
14 SO
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com