Electronic Components Datasheet Search
  English  ▼

X  

MAX4284EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4284EEE
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4284EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4284EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4284EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Typical Operating Characteristics
(VCC = +5V, RL = 100kΩ to VCC / 2, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p, TA = +25°C, unless otherwise noted.)
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
4
_______________________________________________________________________________________
Note 1: MAX4174/MAX4175/MAX4281 and MAX4274/MAX4275/MAX4282 and MAX4284 are 100% production tested at
TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: The input common-mode range for IN_+ is guaranteed by a functional test. A similar test is done on the IN_- input. See the
Applications Information section for more information on the input voltage range of the GainAmp.
Note 4: For AV = -0.5V/V and AV = -0.25V/V, the output voltage swing is limited by the input voltage range.
Note 5: Includes noise from on-chip resistors.
Note 6: The gain accuracy test is performed with the GainAmp in noninverting configuration. The output voltage swing is limited by
the input voltage range for certain gains and supply voltage conditions. For situations where the output voltage swing is lim-
ited by the valid input range, the output limits are adjusted accordingly.
4
-6
1k
100k
1M
10k
10M
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
AV = +2.25V/V
AV = +1.25V/V
4
-6
1k
100k
1M
10k
10M
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
AV = +4V/V
AV = +2.5V/V
4
-6
1k
100k
1M
10k
10M
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
-5
-4
-3
-2
-1
0
1
2
3
AV = +9V/V
AV = +5V/V
Shorted to VEE
MHz
2
No sustained oscillations, AV = 1V/V
f = 10kHz
VCC = 5V, VOUT = 4V step
GBW
RL = 100kΩ
VCC = 5V, VOUT = 4V step
µs
VEE + 0.05V < VOUT < VCC - 0.1V, RL = 100kΩ
mA
Gain Bandwidth Product
V/µs
RL = 1kΩ
10
CONDITIONS
0.7
7
SR
Slew Rate
Settling Time to within 0.01%
Short-Circuit Current
pF
470
CLOAD
Capacitive Load Stability
nV/
√Hz
60
en
Input Noise Voltage Density
Shorted to VCC
mA
65
VEE + 0.25V < VOUT < VCC - 0.3V, RL = 1kΩ
160
250
dB
60
100
80
100
28
mV
28
VOH/VOL
Output Voltage Swing
dB
AVOL
Large-Signal Voltage Gain
90
120
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—MAX4281/MAX4282/MAX4284 Open-Loop Op Amps
(continued)
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
VCC - VOH
VOL - VEE
VCC - VOH
VOL - VEE
f = 10kHz
fA/
√Hz
1.8
in
Input Noise Current Density
Output settling to 1%
ms
1
Power-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com