Electronic Components Datasheet Search
  English  ▼

X  

PLA171 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA171
Description  Single-Pole, Normally Open OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA171 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA171 Datasheet HTML 1Page - IXYS Corporation PLA171 Datasheet HTML 2Page - IXYS Corporation PLA171 Datasheet HTML 3Page - IXYS Corporation PLA171 Datasheet HTML 4Page - IXYS Corporation PLA171 Datasheet HTML 5Page - IXYS Corporation PLA171 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA171-R03
1
PLA171
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA171P
6-Pin (8-Pin Body) Flatpack (50/Tube)
PLA171PTR
6-Pin (8-Pin Body) Flatpack, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
800
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
50
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Automotive High-Voltage Circuitry
• Aerospace
• Industrial Controls
• 7mm Separation of Output Pins
• 800V
P Blocking Voltage
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small Surface Mount Package
• Machine Insertable, Wave Solderable
• Flammability Rating UL 94 V-0
Switching Characteristics of
Normally Open Devices
Approvals
• UL Certified Component: File E76270
• EN/IEC 60950 Certified Component:
TUV Certificate B 12 11 82667 001
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
3
2
8
+ Control
– Control
NC
Load
Load
NC
5
1
4
Specially designed to provide 7mm of separation
between the two output pins, IXYS Integrated Circuits
Division's PLA171 is a single-pole, normally open
(1-Form-A) Solid State Relay that uses optically
coupled MOSFET technology to provide an enhanced
input-to-output isolation of 5000V
rms.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The PLA171 is designed to replace, and offers
superior reliability over, electromechanical relays. This
device provides bounce-free switching in a compact
surface-mount package.


Similar Part No. - PLA171

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA171PH CLARE-PLA171PH Datasheet
123Kb / 6P
Single-Pole Normally Open OptoMOS Relay
PLA171PHTR CLARE-PLA171PHTR Datasheet
123Kb / 6P
Single-Pole Normally Open OptoMOS Relay
More results

Similar Description - PLA171

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS짰 Relays
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com