Electronic Components Datasheet Search
  English  ▼

X  

PLA171 Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA171
Description  Single-Pole, Normally Open OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA171 Datasheet(HTML) 3 Page - IXYS Corporation

  PLA171 Datasheet HTML 1Page - IXYS Corporation PLA171 Datasheet HTML 2Page - IXYS Corporation PLA171 Datasheet HTML 3Page - IXYS Corporation PLA171 Datasheet HTML 4Page - IXYS Corporation PLA171 Datasheet HTML 5Page - IXYS Corporation PLA171 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
PLA171
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
LED Forward Voltage (V)
1.230
1.235
1.240
1.245
1.250
1.255
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.135 0.140 0.145 0.150 0.155 0.160 0.165
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Current (mA)
0.33
0.35
0.37
0.39
0.41
0.43
0.45
0
5
10
15
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance ( )
40.0
40.5
41.0
41.5
42.0
42.5
0
5
10
15
20
25
30
35
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=100mA)
Typical Blocking Voltage Distribution
(N=50)
Blocking Voltage (V
P)
956
964
972
980
988
996
1004
0
5
10
15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com