Electronic Components Datasheet Search
  English  ▼

X  

PLA171 Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA171
Description  Single-Pole, Normally Open OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA171 Datasheet(HTML) 4 Page - IXYS Corporation

  PLA171 Datasheet HTML 1Page - IXYS Corporation PLA171 Datasheet HTML 2Page - IXYS Corporation PLA171 Datasheet HTML 3Page - IXYS Corporation PLA171 Datasheet HTML 4Page - IXYS Corporation PLA171 Datasheet HTML 5Page - IXYS Corporation PLA171 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
PLA171
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
0
1020
304050
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Typical Turn-On Time
vs. LED Forward Current
(I
L=55mA)
LED Current (mA)
0
1020
304050
0.148
0.150
0.152
0.154
0.156
0.158
0.160
Typical Turn-Off Time
vs. LED Forward Current
(I
L=55mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.35
0.40
0.45
0.50
0.55
LED Current to Operate
vs. Temperature
(I
L=55mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Typical Turn-On Time
vs. Temperature
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.12
0.14
0.16
0.18
0.20
Typical Turn-Off Time
vs. Temperature
I
F=5mA
I
F=2mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
Typical On-Resistance
vs. Temperature
(I
F=5mA)
I
L=30mA
I
L=55mA
Voltage (V)
-6
-4
-2
0
2
4
6
-100
-50
0
50
100
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
50
60
70
80
90
100
110
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
900
920
940
960
980
1000
1020
1040
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
10
20
30
40
50
60
70
80
Typical Leakage Current
vs. Temperature
(V
L=800V)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com