Electronic Components Datasheet Search
  English  ▼

X  

USBULC6-2F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBULC6-2F4
Description  2-line, ultralow capacitance protection in 0.3 mm pitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2F4 Datasheet(HTML) 1 Page - STMicroelectronics

  USBULC6-2F4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
December 2013
DocID025277 Rev 1
1/8
USBULC6-2F4
2-line, ultralow capacitance protection in 0.3 mm pitch
Datasheet
- production data
Features
 Ultralow capacitance diode (1.5 pF max)
 0.3 mm pitch
 Two data lines (D+ and D-) protected against
ESD
 Breakdown voltage VBR = 6.0 V min.
 Flip Chip, 300 µm pitch, lead-free
 Very low leakage current
 Very small PCB area
 RoHS compliant
Benefits
 Minimized impact on rise and fall times for
maximum data integrity
 Low PCB space occupation
 Higher reliability offered by monolithic
integration
Complies with the following standards
 IEC 61000-4-2 level 4:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Description
The USBULC6-2F4 is a monolithic, application
specific discrete device dedicated to ESD
protection of high speed interfaces.
Its ultralow line capacitance secures a high level
of signal integrity without compromising the
protection of downstream sensitive chips against
the most stringently characterized ESD strikes.
Figure 1. Pin layout (bump side)
Figure 2. Device configuration
Flip Chip USBULC6-2F4
(4 bumps)
B
1
2
A
A2
A1
B2
B1
Note: B1 and B2 bumps must be grounded on
the PCB together
www.st.com


Similar Part No. - USBULC6-2F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
193Kb / 8P
Dual ultra low capacitance protection for high speed USB
15-Dec-2006
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F3 STMICROELECTRONICS-USBULC6-2F3_08 Datasheet
199Kb / 9P
2-line IPAD, ultra low capacitance protection for high speed USB
24-Jan-2007
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
2-line Transil™ ultralow capacitance protection for high speed USB
20-Dec-2013
More results

Similar Description - USBULC6-2F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
SYNC POWER Crop.
SPE0582 SYNC-POWER-SPE0582 Datasheet
200Kb / 6P
Ultra Low Capacitance 2 -Line ESD Protection Array
logo
STMicroelectronics
USBULC6-2F7 STMICROELECTRONICS-USBULC6-2F7 Datasheet
275Kb / 9P
2-line Transil™ ultralow capacitance protection for high speed USB
20-Dec-2013
DVIULC6-4SC6Y STMICROELECTRONICS-DVIULC6-4SC6Y Datasheet
203Kb / 12P
Automotive ultralow capacitance ESD protection
06-Sep-2012
ESDARF03-1BF3 STMICROELECTRONICS-ESDARF03-1BF3 Datasheet
133Kb / 7P
Ultralow capacitance ESD protection for antenna
15-Nov-2010
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
146Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
03-May-17
logo
TECH PUBLIC Electronics...
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com