Electronic Components Datasheet Search
  English  ▼

X  

USBULC6-2F4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # USBULC6-2F4
Description  2-line, ultralow capacitance protection in 0.3 mm pitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2F4 Datasheet(HTML) 4 Page - STMicroelectronics

  USBULC6-2F4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
USBULC6-2F4
4/8
DocID025277 Rev 1
Figure 10. Insertion losses versus frequency
Figure 11. TLP measurement
S21 (dB)
F (Hz)
10
30
100
300
1 G
10 G
3 G
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
I01
I01
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
45
50
I/O to GND
GND to I/O
VCL (V)
IPP (A)
Figure 12. Peak pulse power versus initial
junction temperature (maximum values, pulse
8/20 µs)
Figure 13. Peak pulse power versus exponential
pulse duration (maximum values)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
8/20µs
PPP (W)
Tj(°C)
1
10
100
1000
10
100
1000
Tjinitial = 25 °C
PPP (W)
tp(µs)
Figure 14. Clamping voltage versus peak pulse
current (typical values)
Figure 15. Leakage current versus junction
temperature (typical values)
0.1
1
10
6789
10
11
12
13
14
15
16
17
18
8/20µs
Tj = 25 °C
VCL (V)
IPP (A)
0.1
1
10
100
25
35
45
55
65
75
85
95
105
115
125
VR =VRM = 3 V
IO/GND
Tj(°C)
IR (nA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com