Electronic Components Datasheet Search
  English  ▼

X  

USBULC6-2F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBULC6-2F4
Description  2-line, ultralow capacitance protection in 0.3 mm pitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2F4 Datasheet(HTML) 3 Page - STMicroelectronics

  USBULC6-2F4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID025277 Rev 1
3/8
USBULC6-2F4
Characteristics
8
Figure 4. Eye diagram, board only (according to
USB 2.0 high speed specification)
Figure 5. Eye diagram, board with
USBULC6-2F4 (according to USB 2.0 high
speed specification)
Figure 6. ESD response to IEC 61000-4-2 (+8 kV
contact discharge)(1)
Figure 7. ESD response to IEC 61000-4-2 (-8 kV
contact discharge)(1)
1. Test board connected with a 50 Ohm cable and 20 dB + 20 dB attenuator to an oscilloscope on 50 Ohm input. ESD
generator return path connected to PCB ground plane.
20 V/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
20 ns/div
118.7 V
16.6 V
9.2 V
1
4
3
23.6 V 2
10 V/div
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
2
3
4
-5.2 V
-1.5 V 4
3
1
-8.7 V2
1
-80.8 V
Figure 8. Junction capacitance versus
frequency (typical values)
Figure 9. Analog crosstalk versus frequency
(typical values)
C (pF)
F (MHz)
1
10
100
1000
1.5
1.0
0.5
0.0
A1 / A2
A1 and A2 / GND
T = 25° C
V
= 30 mV
j
OSC
dB
100k
1M
10M
100M
1G
10G
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
F (Hz)
I1-02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com