Electronic Components Datasheet Search
  English  ▼

X  

AD9272 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9272
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9272 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9272 Datasheet HTML 35Page - Analog Devices AD9272 Datasheet HTML 36Page - Analog Devices AD9272 Datasheet HTML 37Page - Analog Devices AD9272 Datasheet HTML 38Page - Analog Devices AD9272 Datasheet HTML 39Page - Analog Devices AD9272 Datasheet HTML 40Page - Analog Devices AD9272 Datasheet HTML 41Page - Analog Devices AD9272 Datasheet HTML 42Page - Analog Devices AD9272 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AD9272
Rev. C | Page 38 of 44
SERIAL PORT INTERFACE (SPI)
The AD9272 serial port interface allows the user to configure
the signal chain for specific functions or operations through a
structured register space provided inside the chip. This offers
the user added flexibility and customization, depending on the
application. Addresses are accessed via the serial port and can
be written to or read from via the port. Memory is organized
into bytes that can be further divided down into fields, as doc-
umented in the Memory Map section. Detailed operational
information can be found in the Analog Devices, Inc., AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
There are three pins that define the serial port interface or SPI.
They are the SCLK, SDIO, and CSB pins. The SCLK (serial
clock) is used to synchronize the read and write data presented
to the device. The SDIO (serial data input/output) is a dual-
purpose pin that allows data to be sent to and read from the
internal memory map registers of the device. The CSB (chip
select bar) is an active low control that enables or disables the
read and write cycles (see Table 15).
Table 15. Serial Port Pins
Pin
Function
SCLK
Serial clock. The serial shift clock input. SCLK is used to
synchronize serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin. The typical
role for this pin is as an input or output, depending on
the instruction sent and the relative position in the
timing frame.
CSB
Chip select bar (active low). This control gates the read
and write cycles.
The falling edge of the CSB pin in conjunction with the rising edge
of the SCLK determines the start of the framing sequence. During
an instruction phase, a 16-bit instruction is transmitted, followed
by one or more data bytes, which is determined by Bit Field W0
and Bit Field W1. An example of the serial timing and its
definitions can be found in Figure 69 and Table 16.
In normal operation, CSB is used to signal to the device that SPI
commands are to be received and processed. When CSB is brought
low, the device processes SCLK and SDIO to process instructions.
Normally, CSB remains low until the communication cycle is
complete. However, if connected to a slow device, CSB can be
brought high between bytes, allowing older microcontrollers
enough time to transfer data into shift registers. CSB can be stalled
when transferring one, two, or three bytes of data. When W0 and
W1 are set to 11, the device enters streaming mode and continues
to process data, either reading or writing, until CSB is taken
high to end the communication cycle. This allows complete
memory transfers without having to provide additional instruct-
tions. Regardless of the mode, if CSB is taken high in the middle
of any byte transfer, the SPI state machine is reset, and the device
waits for a new instruction.
In addition to the operation modes, the SPI port can be
configured to operate in different manners. For applications
that do not require a control port, the CSB line can be tied and
held high. This places the remainder of the SPI pins in their
secondary mode as defined in the SDIO Pin and SCLK Pin
sections. CSB can also be tied low to enable 2-wire mode. When
CSB is tied low, SCLK and SDIO are the only pins required for
communication. Although the device is synchronized during
power-up, caution must be exercised when using this mode to
ensure that the serial port remains synchronized with the CSB
line. When operating in 2-wire mode, it is recommended to use
a 1-, 2-, or 3-byte transfer exclusively. Without an active CSB
line, streaming mode can be entered but not exited.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used to both program the chip and read the contents
of the on-chip memory. If the instruction is a readback operation,
performing a readback causes the serial data input/output (SDIO)
pin to change direction from an input to an output at the
appropriate point in the serial frame.
Data can be sent in MSB- or LSB-first mode. MSB-first mode
is the default at power-up and can be changed by adjusting the
configuration register. For more information about this and
other features, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 15 constitute the physical interface
between the programming device of the user and the serial port
of the AD9272. The SCLK and CSB pins function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
In cases where multiple SDIO pins share a common connection,
care should be taken to ensure that proper VOH levels are met.
Figure 68 shows the number of SDIO pins that can be connected
together, assuming the same load as the AD9272 and the
resulting VOH level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com