Electronic Components Datasheet Search
  English  ▼

X  

AD9272 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9272
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9272 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9272 Datasheet HTML 25Page - Analog Devices AD9272 Datasheet HTML 26Page - Analog Devices AD9272 Datasheet HTML 27Page - Analog Devices AD9272 Datasheet HTML 28Page - Analog Devices AD9272 Datasheet HTML 29Page - Analog Devices AD9272 Datasheet HTML 30Page - Analog Devices AD9272 Datasheet HTML 31Page - Analog Devices AD9272 Datasheet HTML 32Page - Analog Devices AD9272 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
AD9272
Rev. C | Page 28 of 44
Table 9. Sensitivity and Dynamic Range of Trade-Offs1, 2, 3
LNA
VGA
Channel
Gain
Full-Scale Input
(V p-p)
Input-Referred
Noise Voltage
(nV/√Hz)
Postamp Gain (dB)
Typical Output Dynamic Range
Input-Referred Noise4 @
GAIN+ = 1.6 V (nV/√Hz)
(V/V)
(dB)
GAIN+ = 0 V5
GAIN+ = 1.6 V6
6
15.6
0.733
0.98
21
67.5
65.1
1.395
24
66.4
63.0
1.286
27
64.6
60.6
1.227
30
62.5
57.9
1.197
8
17.9
0.550
0.86
21
67.5
64.5
1.149
24
66.4
62.3
1.071
27
64.5
59.8
1.030
30
62.5
57.1
1.009
12
21.3
0.367
0.75
21
67.5
63.3
0.910
24
66.4
60.9
0.865
27
64.6
58.2
0.842
30
62.5
55.4
0.830
1 LNA: output full scale = 4.4 V p-p differential.
2 Filter: loss ~ 1 dB, NBW = 13.3 MHz, GAIN− = 0.8 V.
3 ADC: 40 MSPS, 70 dB SNR, 2 V p-p full-scale input.
4 Channel noise at maximum VGA gain.
5 Output dynamic range at minimum VGA gain (VGA dominated).
6 Output dynamic range at maximum VGA gain (LNA dominated).
Table 9 demonstrates the sensitivity and dynamic range of
trade-offs that can be achieved relative to various LNA and
VGA gain settings.
For example, when the VGA is set for the minimum gain voltage,
the TGC path is dominated by VGA noise and achieves the
maximum output SNR. However, as the postamp gain options
are increased, the input-referred noise is reduced, and the SNR
is degraded.
If the VGA is set for the maximum gain voltage, the TGC path
is dominated by LNA noise and achieves the lowest input-
referred noise but with degraded output SNR. The higher the
TGC (LNA + VGC) gain, the lower the output SNR. As the
postamp gain is increased, the input-referred noise is reduced.
At low gains, the VGA should limit the system noise perfor-
mance (SNR); at high gains, the noise is defined by the source and
the LNA. The maximum voltage swing is bound by the full-
scale peak-to-peak ADC input voltage (2 V p-p).
Both the LNA and VGA have full-scale limitations within each
section of the TGC path. These limitations are dependent on the
gain setting of each function block and on the voltage applied to the
GAIN± pins. The LNA has three limitations, or full-scale settings,
that can be applied through the SPI. Similarly, the VGA has four
postamp gain settings that can be applied through the SPI. The
voltage applied to the GAIN± pins determines which amplifier
(the LNA or VGA) saturates first. The maximum signal input level
that can be applied as a function of voltage on the GAIN± pins
for the selectable gain options of the SPI is shown in Figure 47 to
Figure 49.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.9
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
GAIN+ (V)
PGA GAIN = 21dB
PGA GAIN = 24dB
PGA GAIN = 27dB
PGA GAIN = 30dB
Figure 47. LNA with 15.6 dB Gain Setting/VGA Full-Scale Limitations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com