Electronic Components Datasheet Search
  English  ▼

X  

AD9272 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9272
Description  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9272 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9272 Datasheet HTML 13Page - Analog Devices AD9272 Datasheet HTML 14Page - Analog Devices AD9272 Datasheet HTML 15Page - Analog Devices AD9272 Datasheet HTML 16Page - Analog Devices AD9272 Datasheet HTML 17Page - Analog Devices AD9272 Datasheet HTML 18Page - Analog Devices AD9272 Datasheet HTML 19Page - Analog Devices AD9272 Datasheet HTML 20Page - Analog Devices AD9272 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AD9272
Rev. C | Page 16 of 44
–7 –6 –5 –4
500k
450k
400k
350k
300k
250k
200k
150k
100k
50k
0
–3 –2 –1
01
234
56
7
CODES
Figure 11. Output-Referred Noise Histogram, GAIN+ = 0 V
–7 –6 –5 –4
180k
160k
140k
120k
100k
80k
60k
40k
20k
0
–3 –2 –1
01
234
56
7
CODES
Figure 12. Output-Referred Noise Histogram, GAIN+ = 1.6 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
123456789
10
FREQUENCY (MHz)
LNA GAIN = 21.3dB
LNA GAIN = 15.6dB
LNA GAIN = 17.9dB
Figure 13. Short-Circuit, Input-Referred Noise vs. Frequency,
PGA Gain = 30 dB, GAIN+ = 1.6 V
–140
–138
–136
–134
–132
–130
–128
–126
0
0.2
0.4
0.6
0.8
GAIN+ (V)
1.0
1.2
1.4
1.6
LNA GAIN = 8×
LNA GAIN = 12×
LNA GAIN = 6×
Figure 14. Short-Circuit, Output-Referred Noise vs. GAIN+
50
52
54
56
58
60
62
64
0.4
0.5 0.6
0.7 0.8
0.9 1.0 1.1
1.2 1.3 1.4
1.5 1.6
GAIN+ (V)
SINAD
SNR
Figure 15. SNR/SINAD vs. GAIN+, AIN = −1 dBFS
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
AD9272-40
AD9272-65
AD9272-80
Figure 16. Antialiasing Filter (AAF) Pass-Band Response,
LPF Cutoff = 1 × (1/4.5) × fSAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com