Electronic Components Datasheet Search
  English  ▼

X  

AD9670 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9670
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9670 Datasheet HTML 45Page - Analog Devices AD9670 Datasheet HTML 46Page - Analog Devices AD9670 Datasheet HTML 47Page - Analog Devices AD9670 Datasheet HTML 48Page - Analog Devices AD9670 Datasheet HTML 49Page - Analog Devices AD9670 Datasheet HTML 50Page - Analog Devices AD9670 Datasheet HTML 51Page - Analog Devices AD9670 Datasheet HTML 52Page - Analog Devices AD9670 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 48 of 52
Addr.
(Hex)
Register Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x116
ANALOG_TEST_
TONE
X
X
X
X
Analog test signal
amplitude
(see Table 17 to Table 19)
Analog test signal
frequency
00 = fSAMPLE/4 (default)
01 = fSAMPLE/8
10 = fSAMPLE/16
11 = fSAMPLE/32
0x00
Analog test tone
amplitude and
frequency (global).
0x117
DIG_SINE_TEST_
FREQ
X
X
X
Digital test tone frequency
0 0000 = 1 × fSAMPLE/64
0 0001 = 2 × fSAMPLE/64
…
1 1111 = 32 × fSAMPLE/64
0x00
Digital sine test
tone frequency
(global).
0x118
DIG_SINE_TEST_
AMP
X
X
X
X
Digital test tone amplitude
0000 = AFULL SCALE (default)
0001 = AFULL SCALE/2
0010 = AFULL SCALE/22
…
1111 = AFULL SCALE/215
0x00
Digital sine test
tone amplitude
(global).
0x119
DIG_SINE_TEST_
OFFSET
Offset multiplier (a)
0 1111 = +15
0 1110 =+14
…
0 0000 = 0 (default)
1 1111 = −1
…
1 0000 = −16
Offset exponent (b)
000 = 0 (default)
001 = 1
…
111 = 7
0x00
Digital sine test
tone offset
(global).
Offset = AFULL-SCALE × a × 2 − (13 − b)
Offset range is ~0.5 dB
Maximum positive offset = 15 × 2 − (13 − 7) = +0.25 × AFULL SCALE
Maximum negative offset = –16 × 2 − (13 − 7) ≈ –0.25 × AFULL SCALE
0x11A
TEST_MODE_
CH_ENABLE
Channel H
enable
0 = off
(default)
1 = on
Channel G
enable
0 = off
(default)
1 = on
Channel F
enable
0 = off
(default)
1 = on
Channel E
enable
0 = off
(default)
1 = on
Channel D
enable
0 = off
(default)
1 = on
Channel C
enable
0 = off
(default)
1 = on
Channel B
enable
0 = off
(default)
1 = on
Channel A
enable
0 = off
(default)
1 = on
0x00
Enable channels
for test mode
(global).
0x11B
TEST_MODE_
CONFIG
X
X
X
X
X
Test mode selection
000 = disable test modes (default)
001 = enable digital sine test mode
010 = enable decimator filter test
(output of decimator is the sequence
of filter coefficients)
011 = enable channel ID test mode
16-bit data = digital ramp (7 bits) +
I/Q bit + Channel ID (3 bits) +
Chip Address (5 bits)
100 = enable analog test tone
101 = reserved
110 = reserved
111 = reserved
0x00
Enable digital test
modes (global).
0x11C
RESERVED_11C
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11D
RESERVED_11D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11E
RESERVED_11E
0
0
0
0
0
0
0
0
0x00
Reserved.
0x11F
RESERVED_11F
0
0
0
0
0
0
0
0
0x00
Reserved.
0x120
CW_TEST_TONE
0
CW I/Q
output
swap
0 =
disable
(default)
1 =
enable
LNA offset
cancel-
lation
0 = enable
(default)
1 = disable
LNA offset cancellation
transconductance
00 = 0.5 mS (default)
01 = 1.0 mS
10 = 1.5 mS
11 = 2.0 mS
CW analog test tone
override for Reg. 0x116,
Bits[1:0]
00 = disable override
(default)
01 = set analog test
tone frequency to fLO
1X = set analog test
tone frequency to dc
0
0x00
Sets the frequency
of the analog test
tone to fLO in CW
Doppler mode.
Enables I/Q output
swap. LNA offset
cancellation
control (global).
0x180
RESERVED_180
1
0
0
0
0
1
1
1
0x87
Reserved.
0x181
RESERVED_181
0
0
0
0
0
0
0
0
0x00
Reserved.
0x182
PLL_STARTUP
PLL auto
configure
0 = disable
(default)
1 = enable
0
0
0
0
0
1
0
0x02
PLL control
(global).
0x183
RESERVED_183
0
0
0
0
0
1
1
1
0x07
Reserved.
0x184
RESERVED_184
0
0
0
0
0
0
0
0
0x00
Reserved.
0x186
RESERVED_186
1
0
1
0
1
1
1
0
0xAE
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com