Electronic Components Datasheet Search
  English  ▼

X  

AD9670 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9670
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9670 Datasheet HTML 2Page - Analog Devices AD9670 Datasheet HTML 3Page - Analog Devices AD9670 Datasheet HTML 4Page - Analog Devices AD9670 Datasheet HTML 5Page - Analog Devices AD9670 Datasheet HTML 6Page - Analog Devices AD9670 Datasheet HTML 7Page - Analog Devices AD9670 Datasheet HTML 8Page - Analog Devices AD9670 Datasheet HTML 9Page - Analog Devices AD9670 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Data Sheet
AD9670
Rev. A | Page 5 of 52
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
69
dBFS
fIN = 5 MHz at −1 dBFS
59
dBFS
Close In SNR
fIN = 3.5 MHz at −1 dBFS, VGAIN = 0 V, 1 kHz offset
−130
dBc/√Hz
Second Harmonic
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
−70
dBc
fIN = 5 MHz at −1 dBFS, VGAIN = 1.6 V
−62
dBc
Third Harmonic
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
−61
dBc
fIN = 5 MHz at −1 dBFS, VGAIN = 1.6 V
−55
dBc
Two-Tone Intermodulation
Distortion (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz, ARF1 = −1 dBFS,
ARF2 = −21 dBFS, VGAIN = 1.6 V, IMD3 relative to ARF2
−54
dBc
Channel-to-Channel Crosstalk
fIN1 = 5.0 MHz at −1 dBFS
−60
dB
Overrange condition2
−55
dB
GAIN ACCURACY
TA = 25°C
Gain Law Conformance Error
−1.6 < VGAIN < −1.28 V
0.4
dB
−1.28 V < VGAIN ≤ +1.28 V
−1.3
+1.3
dB
1.28 V < VGAIN < 1.6 V
−0.5
dB
Linear Gain Error
VGAIN = 0 V, normalized for ideal antialiasing filter loss
−1.3
+1.3
dB
Channel-to-Channel Matching
−1.28 V < VGAIN < +1.28 V, 1 σ
0.1
dB
PGA Gain
21/24/27/30
dB
GAIN CONTROL INTERFACE
Control Range
Differential
−1.6
+1.6
V
Control Common Mode
GAIN+, GAIN−
0.7
0.8
0.9
V
Input Impedance
GAIN+, GAIN−
10
MΩ
Gain Range
45
dB
Scale Factor
Analog
14
dB/V
Digital step size
3.5
dB
Response Time
Analog 45 dB change
750
ns
CW DOPPLER MODE
LO Frequency
fLO = fMLO/M
1
10
MHz
Phase Resolution
Per channel, 4LO3 mode
45
Degrees
Per channel, 8LO mode, 16LO mode
22.5
Degrees
Output DC Bias (Single-Ended)
CWI+, CWI−, CWQ+, and CWQ−
AVDD2/2
V
Output AC Current Range
Per CWI+, CWI−, CWQ+, and CWQ−, each channel
enabled (2 fLO and baseband signal)
±2.2
±2.5
mA
Transconductance (Differential)
Demodulated IOUT/VIN, per CWI+, CWI−, CWQ+, and
CWQ−
LNA gain = 15.6 dB
3.3
mA/V
LNA gain = 17.9 dB
4.3
mA/V
LNA gain = 21.6 dB
6.6
mA/V
Input Referred Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
1.6
nV/√Hz
LNA gain = 17.9 dB
1.3
nV/√Hz
LNA gain = 21.6 dB
1.0
nV/√Hz
Noise Figure
RS = 50 Ω, RFB = ∞
LNA gain = 15.6 dB
5.7
dB
LNA gain = 17.9 dB
4.5
dB
LNA gain = 21.6 dB
3.4
dB
Dynamic Range
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
164
dBFS/√Hz
LNA gain = 17.9 dB
162
dBFS/√Hz
LNA gain = 21.6 dB
160
dBFS/√Hz
Close In SNR
−3 dBFS input, fRF = 2.5 MHz, fLO = 40 MHz, 1 kHz
offset, 16LO mode, 1 channel enabled
156
dBc/√Hz
−3 dBFS input, fRF = 2.5 MHz, fLO = 40 MHz, 1 kHz
offset, 16LO mode, 8 channels enabled
161
dBc/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com