Electronic Components Datasheet Search
  English  ▼

X  

AD9670 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9670
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9670 Datasheet HTML 15Page - Analog Devices AD9670 Datasheet HTML 16Page - Analog Devices AD9670 Datasheet HTML 17Page - Analog Devices AD9670 Datasheet HTML 18Page - Analog Devices AD9670 Datasheet HTML 19Page - Analog Devices AD9670 Datasheet HTML 20Page - Analog Devices AD9670 Datasheet HTML 21Page - Analog Devices AD9670 Datasheet HTML 22Page - Analog Devices AD9670 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
AD9670
Data Sheet
Rev. A | Page 18 of 52
8
7
6
5
4
3
2
1
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100k
1M
10M
100M
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
1M
10M
100M
Figure 27. LNA Input Impedance Magnitude and Phase, Unterminated
0
–100
15
50
CHANNEL GAIN (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
25
30
35
40
45
fIN1 = 2.3MHz
fIN2 = 2.31MHz
ARF1 LEVEL = –1dBFS
ARF2 LEVEL = –21dBFS
RS = 50Ω
RIN = 50Ω
RIN = 300Ω, 1000Ω
Figure 28. IMD3 vs. Channel Gain
0
–120
–40
0
AMPLITUDE LEVEL (dBFS)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–35
–30
–25
–20
–15
–10
–5
VGAIN = +1.6V
VGAIN = 0V
VGAIN = –1.2V
fIN1 = 5.0MHZ
fIN2 = 5.01MHZ
ARF1 LEVEL = –1dBFS
ARF2 LEVEL = –21dBFS
Figure 29. IMD3 vs. ADC Output Amplitude Level
7
1
020
FREQUENCY (MHz)
2
3
4
5
6
2468
10
12
14
16
18
Figure 30. Noise Figure vs. Frequency,
RS = RIN = 100 Ω, LNA Gain = 17.9 dB, PGA Gain = 30 dB, VGAIN = 1.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com