Electronic Components Datasheet Search
  English  ▼

X  

AD9671 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9671
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9671 Datasheet HTML 48Page - Analog Devices AD9671 Datasheet HTML 49Page - Analog Devices AD9671 Datasheet HTML 50Page - Analog Devices AD9671 Datasheet HTML 51Page - Analog Devices AD9671 Datasheet HTML 52Page - Analog Devices AD9671 Datasheet HTML 53Page - Analog Devices AD9671 Datasheet HTML 54Page - Analog Devices AD9671 Datasheet HTML 55Page - Analog Devices AD9671 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 51 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x01A USER_
PATT1_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined
Pattern 1, MSB
(global).
0x01B
USER_
PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined
Pattern 2, LSB
(global).
0x01C
USER_
PATT2_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined
Pattern 2, MSB
(global).
0x01D
USER_
PATT3_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined
Pattern 3, LSB
(global).
0x01E
USER_
PATT3_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined
Pattern 3, MSB
(global).
0x01F
USER_
PATT4_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined
Pattern 4, LSB
(global).
0x020
USER_
PATT4_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined
Pattern 4, MSB
(global).
0x021
FLEX_
SERIAL_
CTRL
0
X
Lane mode
00 = reserved (default)
01 = 2 channels/lane
(4 lanes)
10 = 4 channels/lane
(2 lanes)
11 = 8 channels/lane
(1 lane)
Lane low
rate:
0 = normal
(default)
1 = low
output
rate
(<1 Gbps)
X
Output word length
00 = 12 bits (default)
01 = 14 bits
10 = 16 bits
11 = reserved
0x00
Lane setting
control (global).
0x022
SERIAL_
CH_STAT
X
X
X
X
X
X
X
Channel
power-
down
1 = on
0 = off
(default)
0x00
Used to power
down
individual
channels
(local).
0x02B
FLEX_
FILTER
X
Enable
automatic
low-pass
tuning
1 = on
(self
clearing)
X
X
Bypass
analog
HPF
0 = off
(default)
1 = on
X
Analog high-pass filter
cutoff
00 = fLP/12.00 (default)
01 = fLP/9.00
10 = fLP/6.00
11 = fLP/3.00
0x00
Filter cutoff
(global)
(fLP = low-pass
filter cutoff
frequency).
0x02C
LNA_
TERM
X
X
X
X
X
X
LO-x, LOSW-x connection
00 = RFB1 + 50 Ω (default)
01 = (RFB1||RFB2) + 50 Ω
10 = RFB2 + 50 Ω
11 = ∞
0x00
LNA active
termination/
input
impedance
(global).
0x02D
CW_
ENABLE_
PHASE
X
X
X
CW
Doppler
channel
enable
1 = on
0 = off
I/Q demodulator phase
0000 = 0° (default)
0001 = 22.5° (not valid for 4LO mode)
0010 = 45°
0011 = 67.5° (not valid for 4LO mode)
0100 = 90°
0101 = 112.5° (not valid for 4LO mode)
0110 = 135°
0111 = 157.5° (not valid for 4LO mode)
1000 = 180°
1001 = 202.5° (not valid for 4LO mode)
1010 = 225°
1011 = 247.5° (not valid for 4LO mode)
1100 = 270°
1101 = 292.5° (not valid for 4LO mode)
1110 = 315°
1111 = 337.5° (not valid for 4LO mode)
0x00
Phase of
demodulators
(local, chip).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com