Electronic Components Datasheet Search
  English  ▼

X  

AD9671 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9671
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9671 Datasheet HTML 53Page - Analog Devices AD9671 Datasheet HTML 54Page - Analog Devices AD9671 Datasheet HTML 55Page - Analog Devices AD9671 Datasheet HTML 56Page - Analog Devices AD9671 Datasheet HTML 57Page - Analog Devices AD9671 Datasheet HTML 58Page - Analog Devices AD9671 Datasheet HTML 59Page - Analog Devices AD9671 Datasheet HTML 60Page - Analog Devices AD9671 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 59 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x19C
JTX_
FRAME_
SIZE
X
X
X
Set frame
size
auto-
matically
0 =
disable
1 =
enable
(default)
X
X
0
0
0x10
Automatically
set JESD204B
frame size
(global).
0x19D
RESERVED_
19D
0
0
0
0
0
0
0
0
0x00
Reserved.
0x19E
RESERVED_
19E
0
0
0
1
0
0
0
0
0x10
Reserved.
Coefficient Registers
0x1000
to
0x1FFF
Coefficient
memory
256 × 112 bits
0x00
Global.
Profile Memory Registers
0xF00
to
0xFFF
Profile
memory
32 × 64 bits
0x00
Global.
MEMORY MAP REGISTER DESCRIPTIONS
For more information about the SPI memory map and other
functions, consult the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Update (Register 0x0FF)
All registers except Register 0x002 are updated as soon as they
are written. Writing to Register 0x0FF (the value written is don’t
care) initializes and updates the speed mode (Address 0x002)
and resets all other registers to their default values (analog and
ADC registers only; not the JESD204B registers, Register 0x000,
or Register 0x002). Set the speed mode in Register 0x002 and
write to Register 0x0FF at the beginning of the setup of the SPI
writes after the device is powered up to avoid rewriting other
registers after Register 0x0FF is written.
Profile Index and Software TX_TRIG (Register 0x10C)
The vector profile is selected using the profile index in
Register 0x10C, Bits[4:0]. The software TX_TRIG control in Bit 5
generates a TX_TRIG signal internal to the device. This signal
is asynchronous to the ADC sample clock. Therefore, do not
use this signal to align the data output, reset the digital
demodulator and decimator, or initiate advanced power mode
across multiple devices in the system. The external pin-driven
TX_TRIG± control is recommended for systems that require
synchronization of these features across multiple AD9671
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com