Electronic Components Datasheet Search
  English  ▼

X  

AD9671 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9671
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9671 Datasheet HTML 7Page - Analog Devices AD9671 Datasheet HTML 8Page - Analog Devices AD9671 Datasheet HTML 9Page - Analog Devices AD9671 Datasheet HTML 10Page - Analog Devices AD9671 Datasheet HTML 11Page - Analog Devices AD9671 Datasheet HTML 12Page - Analog Devices AD9671 Datasheet HTML 13Page - Analog Devices AD9671 Datasheet HTML 14Page - Analog Devices AD9671 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 10 of 60
Parameter1
Temperature
Min
Typ
Max
Unit
Data Rate per Lane
25°C
5.0
Gbps
Uncorrelated Bounded High Probability (UBHP) Jitter
25°C
11
ps
Random Jitter at 2.5 Gbps Data Rate
25°C
80
ps rms
Random Jitter at 5 Gbps Data Rate
25°C
46
ps rms
Output Rise/Fall Time
25°C
64
ps
TERMINATION CHARACTERISTICS
Differential Termination Resistance
Full
100
Ω
APERTURE
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
LO GENERATION
MLO± Frequency
4LO Mode
Full
4
40
MHz
8LO Mode
Full
8
80
MHz
16LO Mode
Full
16
160
MHz
RESET± to MLO± Setup Time (tSETUP)
Full
1
tMLO7/2
ns
RESET± to MLO± Hold Time (tHOLD)
Full
1
tMLO7/2
ns
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 Can be adjusted via the SPI.
3 Mode III must have the RF decimator enabled.
4 Mode IV must have the RF decimator enabled.
5 PLL lock time from 0 Hz to 40 MHz frequency change.
6 Wake-up time is defined as the time required to return to normal operation from power-down mode.
7 The period of the MLO clock signal is represented by tMLO.
CLK±, TX_TRIG± Synchronization Timing Diagram
CLK–
CLK+
TX_TRIG+
TX_TRIG–
tEH
tEL
tSETUP
tHOLD
Figure 2. TX_TRIG± to CLK± Input Timing
CW Timing Diagram
MLO–
MLO+
RESET–
RESET+
tMLO
tSETUP
tHOLD
Figure 3. CW Doppler Mode Input MLO±, Continuous Synchronous RESET± Timing, Sampled on the Falling MLO± Edge, 4LO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com