Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 38Page - Analog Devices AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 41 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x00D TEST_IO
User test mode: 0 =
continuous, repeat
user patterns
(1, 2, 3, 4, 1, 2, 3, 4, …)
(default), 1 = single
clock cycle user
patterns, then zeros
(1, 2, 3, 4, 0, 0, …)
X
Reset PN
long gen
0 = on,
PN long
running
(default),
1 = off,
PN long
held in
reset
Reset PN
short gen:
0 = on,
PN short
running
(default),
1 = off,
PN short
held in
reset
Output test mode:
0000 = off (default),
0001 = midscale short,
0010 = positive full-scale short,
0011 = negative full-scale short,
0100 = checkerboard output,
0101 = PN sequence long,
0110 = PN sequence short,
0111 = one-word/zero-word toggle,
1000 = user input,
1001:1110 = reserved,
1111 = ramp output (see Table 16)
0x00
When register is set, the
test data is placed on the
output pins in place of
normal data (local).
0x00E GPO
X
X
X
X
GPO3
output:
0 = low
(default);
1 = high
GPO2
output:
0 = low
(default);
1 = high
GPO1
output:
0 = low
(default):
1 = high
GPO0
output:
0 = low
(default);
1 = high
0x00
Values placed on GPOx
pins (global).
0x00F FLEX_CHANNEL
_INPUT
Filter cutoff frequency control:
00000 = 1.45 × (1/3) × fSAMPLE,
00001 = 1.25 × (1/3) × fSAMPLE,
00010 = 1.13 × (1/3) × fSAMPLE,
00011 = 1.0 × (1/3) × fSAMPLE (default),
00100 = 0.9 × (1/3) × fSAMPLE,
00101 = 0.8 × (1/3) × fSAMPLE,
00110 = 0.75 × (1/3) × fSAMPLE,
00111 = reserved,
01000 = 1.45 × (1/4.5) × fSAMPLE,
01001 = 1.25 × (1/4.5) × fSAMPLE,
01010 = 1.13 × (1/4.5) × fSAMPLE,
01011 = 1.0 × (1/4.5) × fSAMPLE,
01100 = 0.9 × (1/4.5) × fSAMPLE,
01101 = 0.8 × (1/4.5) × fSAMPLE,
01110 = 0.75 × (1/4.5) × fSAMPLE,
01111 = reserved,
10000 = 1.45 × (1/6) × fSAMPLE,
10001 = 1.25 × (1/6) × fSAMPLE,
10010 = 1.13 × (1/6) × fSAMPLE,
10011 = 1.0 × (1/6) × fSAMPLE,
10100 = 0.9 × (1/6) × fSAMPLE,
10101 = 0.8 × (1/6) × fSAMPLE,
10110 = 0.75 × (1/6) × fSAMPLE,
1 0111 = reserved
Band
mode:
0 = low
(default,
8 MHz to
18 MHz),
1 = high
(13.5 MHz
to 30 MHz)
X
X
0x18
Antialiasing filter cutoff
(global).
0x010 FLEX_OFFSET
X
X
1
0
0
0
0
0
0x20
Reserved.
0x011 FLEX_GAIN
Digital VGA gain control:
0000 = GAIN± pins enabled (default),
0001 = 0.0 dB (maximum gain, GAIN± pins disabled),
0010 = −3.5 dB,
0011 = −7.0 dB,
….,
1110 = 45 dB
1111 = 45 dB
PGA gain:
00 = 21 dB,
01 = 24 dB (default),
10 = 27 dB,
11 = 30 dB
LNA gain:
00 = 15.6 dB,
01 = 17.9 dB,
10 = 21.6 dB
(default)
0x06
LNA and PGA gain
adjustment (global).
0x012 BIAS_CURRENT
X
X
X
X
1
PGA bias:
0 = 100%
(default),
1 = 60%
LNA bias:
00 = high,
01 = midhigh (default),
10 = midlow,
11 = low
0x09
LNA bias current
adjustment (global).
0x013 RESERVED_13
0
0
0
0
0
0
0
0
0x00
Reserved.
0x014 OUTPUT_MODE
X
X
X
Output data
enable:
0= enable
(default),
1 = disable
X
Output
data
invert:
0=disable
(default),
1=enable
Output data format:
00 = offset binary,
01 = twos complement
(default),
10 = gray code,
11 = reserved
0x01
Data output modes (local).
0x015 OUTPUT_ADJUST LVDS output
standard:
0 = ANSI-644
(default),
1 = IEEE 1596.3
(low power)
1
1
0
LVDS drive
strength
enable:
0=disable
(default),
1=enable
LVDS drive current:
000 = 3.72 mA,
001 = 3.5 mA (default),
010 = 3.30 mA,
011 = 2.96 mA,
100 = 2.82 mA,
101 = 2.57 mA,
110 = 2.27 mA,
111 = 2.0 mA (reduced range)
0x61
Data output levels (global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com