Electronic Components Datasheet Search
  English  ▼

X  

AD9670EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9670EBZ Datasheet HTML 39Page - Analog Devices AD9670EBZ Datasheet HTML 40Page - Analog Devices AD9670EBZ Datasheet HTML 41Page - Analog Devices AD9670EBZ Datasheet HTML 42Page - Analog Devices AD9670EBZ Datasheet HTML 43Page - Analog Devices AD9670EBZ Datasheet HTML 44Page - Analog Devices AD9670EBZ Datasheet HTML 45Page - Analog Devices AD9670EBZ Datasheet HTML 46Page - Analog Devices AD9670EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 42 of 47
Addr.
(Hex) RegisterName
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value Comments
0x016 FLEX_OUTPUT_
PHASE
X
X
0
DCO signal
invert:
0 = disable
(default),
1 = enable
X
X
DCO signal phase adjust
with respect to DOUT:
00 = +90° (default),
01 = 0°,
10 = 0°,
11 = −90°
0x00
DCO signal inversion and
coarse phase adjustment
(global).
0x017 FLEX_OUTPUT_
DELAY
DCO signal delay
enable:
0= disable (default),
1 = enable
X
X
DCO signal clock delay:
00000: 100 ps (default),
00001 = 200 ps,
00010 = 300 ps,
…,
11101 = 3.0 ns,
11110 = 3.1 ns,
11111 = 3.2 ns
0x00
DCO signal delay (global).
0x018 RESERVED_018
X
X
X
X
X
1
0
0
0x04
Reserved (global).
0x019 USER_
PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined Pattern 1,
LSB (global).
0x01A USER_
PATT1_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined Pattern 1,
MSB (global).
0x01B USER_
PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined Pattern 2,
LSB (global).
0x01C USER_
PATT2_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined Pattern 2,
MSB (global).
0x01D USER_
PATT3_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined Pattern 3,
LSB (global).
0x01E USER_
PATT3_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined Pattern 3,
MSB (global).
0x01F USER_
PATT4_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-Defined Pattern 4,
LSB (global).
0x020 USER_
PATT4_MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-Defined Pattern 4,
MSB (global).
0x021 FLEX_
SERIAL_CTRL
0
FCO signal
invert:
0 = not
inverted
(default),
1= inverted
Lane mode:
00 = 1-channel/lane
(8 lanes) (default),
01 = 2-channel/lane
(4 lanes),
10 = 4-channel/lane
(2 lanes),
11 = 8-channel/lane
(1 lane)
Lane low
rate:
0=normal
(default),
1 = low
sample
frequency
(<32MHz)
X
Output word length:
00 = 12 bits (default),
01 = 14 bits,
10 = 16 bits,
11 = reserved
0x00
LVDS control (global).
0x022 SERIAL_
CH_STAT
X
X
X
X
X
X
X
Channel
power-down:
1 = on,
0 = off
(default)
0x00
Used to power down
individual channels (local).
0x02B FLEX_FILTER
X
Enables
automatic
low-pass
tuning:
1 = on
(self clearing)
X
X
Bypass
analog HPF:
0 = off
(default),
1 = on
X
Analog high-pass filter
cutoff:
00 = fLP/12 (default),
01 = fLP/9,
10 = fLP/6,
11 = fLP/3
0x00
Filter cutoff (global);
(fLP = low-pass filter cutoff
frequency in MSPS).
0x02C LNA_TERM
X
X
X
X
X
X
LO-x, LOSW-x
connection:
00 = RFB1 (default),
01 = (RFB1||RFB2),
10 = RFB2,
11 = ∞
0x00
LNA active termination/
input impedance (global).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com