Electronic Components Datasheet Search
  English  ▼

X  

ADUCM310 Datasheet(PDF) 26 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices ADUCM310 Datasheet HTML 25Page - Analog Devices ADUCM310 Datasheet HTML 26Page - Analog Devices ADUCM310 Datasheet HTML 27Page - Analog Devices ADUCM310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
ADuCM310
Rev. B Page 25 of 27
RECOMMENDED CIRCUIT AND COMPONENT VALUES
Figure 24 shows a typical connection diagram for the
ADuCM310.
There are four digital supply balls: IOVDD1, IOVDD2,
IOVDD3, and DVDD. Decouple these balls with a 0.1 µF
capacitor placed as close as possible to each of the four balls and a
10 µF capacitor at the supply source. Similarly, the analog supply
pins, AVDD3 and AVDD4, each require a 0.1 µF capacitor
placed as close as possible to each ball with a 10 µF capacitor at
the supply source.
The IDACs source their output currents from the PVDD supply
balls, PVDD_IDACx. Connect a 100 nF capacitor close to each
PVDD supply ball. Place at least one 10 µF capacitor at the
source of the PVDD supply (PVDD_IDACx balls).
The IDAC output filters depend on a 10 nF capacitor placed
between the CDAMP_IDACx ball and the PVDD_IDACx ball.
The ADC reference requires a 4.7 µF capacitor between the
ADC_CAPN and ADC_CAPP balls. Directly connect
ADC_CAPN to the analog ground (AGND).
The ADuCM310 contains four internal regulators. These regulators
require external decoupling capacitors. The DVDD_REG1 and
DVDD_REG2 balls each requires a 0.47 µF capacitor to the
digital ground (DGND). The AVDD_REG1 and AVDD_REG2
balls each requires a decoupling capacitor to the AGND.
To generate an accurate and low drift reference current, connect the
IREF ball to the analog ground via a low parts per million
(ppm) 3.16 kΩ resistor.
Connect the VREF_1.2 ball to AGND via a 0.47 µF capacitor.
See Figure 24 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com