Electronic Components Datasheet Search
  English  ▼

X  

GTL16612 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL16612
Description  18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL16612 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL16612 Datasheet HTML 4Page - NXP Semiconductors GTL16612 Datasheet HTML 5Page - NXP Semiconductors GTL16612 Datasheet HTML 6Page - NXP Semiconductors GTL16612 Datasheet HTML 7Page - NXP Semiconductors GTL16612 Datasheet HTML 8Page - NXP Semiconductors GTL16612 Datasheet HTML 9Page - NXP Semiconductors GTL16612 Datasheet HTML 10Page - NXP Semiconductors GTL16612 Datasheet HTML 11Page - NXP Semiconductors GTL16612 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
GTL16612
18-bit GTL/GTL+ to LVTTL/TTL bidirectional
universal translator (3-State)
2002 Dec 13
8
AC SETUP REQUIREMENTS (3.3 V
±0.3 V RANGE)
A Port:
GND = 0 V; Input tr = tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; Tamb = -40 to +85 °C; VREF = 0.8 V or 1.0 V.
B Port:
GND = 0 V; Input tr = tf = 2.5 ns; CL = 30 pF; RL = 25 Ω; VREF = 0.8 V or 1.0 V.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 V ±0.3 V
UNIT
MIN
MAX
ts(H)
Setup time, High or Low
4
1.5
ns
ts(L)
Setup time, High or Low
Bn to CPBA
4
1.5
ns
ts(H)
Setup time, High or Low
4
2.0
ns
ts(L)
Setup time, High or Low
An to CPAB
4
3.0
ns
th(H)
Hold time, High or Low
4
1.0
ns
th(L)
Hold time, High or Low
Bn to CPBA, or An to CPAB
4
1.0
ns
ts(H)
Setup time, High or Low
4
1.0
ns
ts(L)
Setup time, High or Low
Bn to LEBA, or An to LEAB
4
1.0
ns
th(H)
Hold time, High or Low
4
1.5
ns
th(L)
Hold time, High or Low
Bn to LEBA, or An to LEAB
4
1.5
ns
ts(H)
Setup time, High or Low
4
1.0
ns
ts(L)
Setup time, High or Low
CEAB to CPAB, or CEBA to CPBA
4
1.0
ns
th(H)
Hold time, High or Low
4
1.5
ns
th(L)
Hold time, High or Low
CEAB to CPAB, or CEBA to CPBA
4
1.0
ns
tw(H)
Pulse width, High or Low
4
2.0
ns
tw(L)
Pulse width, High or Low
CPBA or CPAB
4
2.0
ns
tw(H)
Pulse width, High
LEBA or LEAB
3
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com