Electronic Components Datasheet Search
  English  ▼

X  

GTL16612 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL16612
Description  18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL16612 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL16612 Datasheet HTML 1Page - NXP Semiconductors GTL16612 Datasheet HTML 2Page - NXP Semiconductors GTL16612 Datasheet HTML 3Page - NXP Semiconductors GTL16612 Datasheet HTML 4Page - NXP Semiconductors GTL16612 Datasheet HTML 5Page - NXP Semiconductors GTL16612 Datasheet HTML 6Page - NXP Semiconductors GTL16612 Datasheet HTML 7Page - NXP Semiconductors GTL16612 Datasheet HTML 8Page - NXP Semiconductors GTL16612 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Product specification
GTL16612
18-bit GTL/GTL+ to LVTTL/TTL bidirectional
universal translator (3-State)
2002 Dec 13
3
PIN CONFIGURATION
GND
GND
CEAB
GND
LEAB
OEAB
GND
VCC
NC
GND
GND
VCC
VREF
GND
CEBA
GND
LEBA
OEBA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CPAB
B0
B2
B1
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
CPBA
SW00485
A0
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 27
OEAB/OEBA
A-to-B/ B-to-A Output enable
input (active Low)
29, 56
CEBA/CEAB
B-to-A/A-to-B clock enable
2, 28
LEAB/LEBA
A-to-B/B-to-A Latch enable input
55,30
CPAB/CPBA
A-to-B/B-to-A Clock input
(active rising edge)
3, 5, 6, 8, 9, 10,
12, 13, 14, 15,
16, 17, 19, 20,
21, 23, 24, 26
A0-A17
Data inputs/outputs (A side)
54, 52, 51, 49,
48, 47, 45, 44,
43, 42, 41, 40,
38, 37, 36, 34,
33, 31
B0-B17
Data inputs/outputs (B side)
4, 11, 18, 25,
32, 39, 46, 53
GND
Ground (0 V)
7, 22
VCC
Positive supply voltage
35
VREF
GTL reference voltage
50
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com