Electronic Components Datasheet Search
  English  ▼

X  

GTL16612 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # GTL16612
Description  18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL16612 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button GTL16612 Datasheet HTML 5Page - NXP Semiconductors GTL16612 Datasheet HTML 6Page - NXP Semiconductors GTL16612 Datasheet HTML 7Page - NXP Semiconductors GTL16612 Datasheet HTML 8Page - NXP Semiconductors GTL16612 Datasheet HTML 9Page - NXP Semiconductors GTL16612 Datasheet HTML 10Page - NXP Semiconductors GTL16612 Datasheet HTML 11Page - NXP Semiconductors GTL16612 Datasheet HTML 12Page - NXP Semiconductors GTL16612 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
GTL16612
18-bit GTL/GTL+ to LVTTL/TTL bidirectional
universal translator (3-State)
2002 Dec 13
9
AC WAVEFORMS
VM = 1.5 V at VCC w 3.0 V. VM = 1.5 V for A ports and control pins; VM = 0.8 V for B ports in GTL mode; VM = 1.0 V for B ports in GTL+ mode.
VX = VOL + 0.3 V at VCC w 3.0 V.
VY = VOH - 0.3 V at VCC w 3.0 V.
tPHL
tPLH
VM
VOH
tW(L)
1/fMAX
CPBA or
CPAB
An or Bn
tW(H)
SW00181
VM
VM
VM
VOL
3.0 V or VCC,
whichever is
less
0V
Waveform 1.
Propagation delay, clock input to output, clock
pulse width, and maximum clock frequency
VOL
tPLH
VOH
0V
An or Bn
An or Bn
VM
VM
tPHL
VM
VM
SW00176
3.0V or VCC,
whichever is
less
Waveform 2.
Propagation delay, transparent mode
tPLH
tPHL
tW(H)
VM
VM
VM
VM
VM
LEAB or
LEBA
An or Bn
0V
VOH
VOL
SW00177
3.0V or VCC,
whichever is
less
Waveform 3.
Propagation delay, enable to output,
and enable pulse width
VM
VM
VM
VM
VM
VM
0V
An or Bn
CEAB or CEBA
CPAB or CPBA,
LEAB or LEBA
tS(H)
th(H)
tS(L)
th(L)
0V
3.0 V or VCC,
whichever is
less
3.0 V or VCC,
whichever is
less
SW00222
Waveform 4.
Data setup and hold times
OEBA
An or Bn
tPZH
tPHZ
VOH
VY
VM
VM
VM
3.0 V or VCC,
whichever is
less
SW00223
Waveform 5.
3-State output enable time to high level
and output disable time from high level
VOL
OEBA
tPZL
tPLZ
An or Bn
VX
VM
VM
VM
3.0 V or VCC,
whichever is
less
SW00224
Waveform 6.
3-State output enable time to low level
and output disable time from low level
VOL
OEAB
tPLH
Bn
VM
VM
3.0 V or VCC,
whichever is
less
SW00495
tPHL
VM
VM
Waveform 7.
Output enable time on open collector output
with pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com