Electronic Components Datasheet Search
  English  ▼

X  

OP207 Datasheet(PDF) 4 Page - Analog Devices

Part # OP207
Description  Dual Ultra-Low Vos Matched Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP207 Datasheet(HTML) 4 Page - Analog Devices

  OP207 Datasheet HTML 1Page - Analog Devices OP207 Datasheet HTML 2Page - Analog Devices OP207 Datasheet HTML 3Page - Analog Devices OP207 Datasheet HTML 4Page - Analog Devices OP207 Datasheet HTML 5Page - Analog Devices OP207 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OP207
ASD0010727 Rev. F | Page 3 of 5
4.0
Electrical Table:
Table I
Parameter
See notes at end of table
Symbol
Conditions
Note 1
Sub-
group
Limit
Min
Limit
Max
Units
1
100
V
2, 3
230
Input Offset Voltage
VOS
M, D, L, R 3/
1
500
Average Input Offset Voltage
Drift 4/
TCVOS
TA = -55°C, +25°C, +125°C
1, 2, 3
1.3
V/°C
1
2.8
nA
2, 3
5.6
Input Offset Current
IOS
M, D, L, R 3/
1
25
1
±3.0
2, 3
±5.6
Input Bias Current
IB
M, D, L, R 3/
1
±125
Input Voltage Range 4/
IVR
Note 2
1, 2, 3
±13
V
VCM = ±13V
1
106
dB
Common-Mode Rejection Ratio
4/
CMRR
2, 3
103
VS = ±3V to ±18V
1
20
V/V
Power Supply Rejection Ratio
4/
PSRR
2, 3
32
RL = 10K
4
±12.5
V
RL = 2K
4, 5, 6
±12
Output Voltage Swing 4/
VO
RL = 1K
4
±10
VO = ± 10V, RL = 2K
4
200
V/mV
5, 6
150
Large Signal Voltage Gain
AVO
M, D, L, R 3/
4
100
No Load, Both Amplifiers
1
8
mA
Power Supply Current
ISY
M, D, L, R 3/
1
8
Input Noise Voltage 4/
en
fO = 1Hz to 100 Hz
7
150
nVRMS
Input Noise Current 4/
in
fO = 1Hz to 100 Hz
7
8
pARMS
VOSadj+
Rp = 20K
1
0.5
mV
Offset Adjustment Range 4/
VOSadj-
Rp = 20K
1
-0.5
1
90
V
Input Offset Voltage Match 4/
VOS
2, 3
180
1
±3.5
nA
Average Non- Inverting Bias
Current 4/
IB+
2, 3
±6.0
1
±3.5
Non-Inverting Offset Current 4/
IOS+
2, 3
±6.5
1
±3.5
Inverting Offset Current 4/
IOS-
2, 3
±6.5
1
103
dB
Common Mode Rejection Ratio
Match 4/
CMRR
2, 3
100
VS = ±3V to ±18V
1
32
V/V
Power Supply Rejection Ratio
Match 4/
PSRR
2, 3
51
ISC+
1
5
58
mA
Output Short Circuit Current 4/
ISC-
1
-55
-5
Channel Separation 4/
CS
4
126
dB
TABLE I NOTES:
1/ VS = ±15V, RS = 50 ohm, unless otherwise specified
2/ IVR is defined as the VCM range used for the CMRR test.
3/ Post irradiation limit. Subgroup 1 parameters without limit are read and recorded but not guaranteed.
4/ Not tested post irradiation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com