Electronic Components Datasheet Search
  English  ▼

X  

OP207 Datasheet(PDF) 1 Page - Analog Devices

Part # OP207
Description  Dual Ultra-Low Vos Matched Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP207 Datasheet(HTML) 1 Page - Analog Devices

  OP207 Datasheet HTML 1Page - Analog Devices OP207 Datasheet HTML 2Page - Analog Devices OP207 Datasheet HTML 3Page - Analog Devices OP207 Datasheet HTML 4Page - Analog Devices OP207 Datasheet HTML 5Page - Analog Devices OP207 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tuesday, Apr 1, 2008 10:08 AM /
Dual Ultra-Low Vos Matched
Operational Amplifier
OP207
ASD0010727
Rev. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use,
nor for any infringements of patents or other rights of third parties that may
result from its use. Specifications subject to change without notice. No license
is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of
their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703 © 2008 Analog Devices, Inc. All rights reserved.
1.0
SCOPE
This specification documents the detail requirements for space qualified product manufactured on
Analog Devices, Inc.’s QML certified line per MIL-PRF-38535 Level V except as modified herein.
The manufacturing flow described in the STANDARD SPACE LEVEL PRODUCTS PROGRAM
brochure is to be considered a part of this specification http://www.analog.com/aerospace
This data sheet specifically details the space grade version of this product. A more detailed
operational description and a complete data sheet for commercial product grades can be found at
www.analog.com/OP207
2.0
Part Number. The complete part number(s) of this specification follow:
Part Number
Description
OP207-903Y
Dual Ultra-Low VOS Matched Operational Amplifier
Letter
Descriptive designator
Case Outline (Lead Finish per MIL-PRF-38535)
Y
GDIP1-T14
14-Lead ceramic dual-in-line package (CERDIP)
NOTES:
1. Device may be operated even if insertion is
reversed; this is due to inherent symmetry of
pin locations of amplifiers A and B
2. V-(A) and V-(B) are internally connected via
substrate resistance
Figure 1 - Terminal connections.
14
V+ (A)
13
OUT (A)
12
V- (A)
11
+IN (B)
10
-IN (B)
9
NULL (B)
8
NULL (B)
7
V+ (B)
6
OUT (B)
5
V- (B)
4
+IN (A)
3
-IN (A)
2
NULL (A)
1
NULL (A)


Similar Part No. - OP207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP207 AD-OP207 Datasheet
276Kb / 6P
DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
7mm Spot Diameter LED
logo
Analog Devices
OP207 AD-OP207_15 Datasheet
288Kb / 6P
Dual Ultralow V Matched Operational Amplifier
More results

Similar Description - OP207

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-10 AD-OP-10 Datasheet
612Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
OP-207 AD-OP-207 Datasheet
276Kb / 6P
DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Analog Devices
OP10AY AD-OP10AY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10CY AD-OP10CY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10 AD-OP10_15 Datasheet
616Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
NXP Semiconductors
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com