Electronic Components Datasheet Search
  English  ▼

X  

OP207 Datasheet(PDF) 3 Page - Analog Devices

Part # OP207
Description  Dual Ultra-Low Vos Matched Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP207 Datasheet(HTML) 3 Page - Analog Devices

  OP207 Datasheet HTML 1Page - Analog Devices OP207 Datasheet HTML 2Page - Analog Devices OP207 Datasheet HTML 3Page - Analog Devices OP207 Datasheet HTML 4Page - Analog Devices OP207 Datasheet HTML 5Page - Analog Devices OP207 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OP207
ASD0010727 Rev. F | Page 2 of 5
3.0
Absolute Maximum Ratings. (TA = 25°C, unless otherwise noted)
Supply Voltage.........................................................................±22V
Power Dissipation ...................................................................500mW
Differential Input Voltage .......................................................±30V
Input Voltage (Note 1) ............................................................±22V
Output Short-Circuit Duration ................................................Indefinite
Operating Temperature Range ................................................-55°C to +125°C
Storage Temperature Range ....................................................-65°C to +150°C
Lead Temperature (Soldering, 60 sec.) ...................................+300°C
Junction Temperature (TJ)……………………………………+150°C
NOTES:
For supply voltages less than ±22V, the absolute maximum input voltage is equal to the supply voltages.
3.1
Thermal Characteristics:
Thermal Resistance, CERDIP (Y) Package
Junction-to-Case ( JC) = 29°C/W Max
Junction-to-Ambient ( JA) = 91°C/W Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com