Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSV911
Description  Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSV911 Datasheet(HTML) 2 Page - Texas Instruments

  TSV911 Datasheet HTML 1Page - Texas Instruments TSV911 Datasheet HTML 2Page - Texas Instruments TSV911 Datasheet HTML 3Page - Texas Instruments TSV911 Datasheet HTML 4Page - Texas Instruments TSV911 Datasheet HTML 5Page - Texas Instruments TSV911 Datasheet HTML 6Page - Texas Instruments TSV911 Datasheet HTML 7Page - Texas Instruments TSV911 Datasheet HTML 8Page - Texas Instruments TSV911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
TSV911, TSV912, TSV914
SBOS878A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information: TSV912 ................................... 7
7.5
Thermal Information: TSV914 ................................... 8
7.6
Electrical Characteristics: VS (Total Supply Voltage) =
(V+) – (V–) = 2.5 V to 5.5 V ....................................... 9
7.7
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 18
9
Application and Implementation ........................ 19
9.1
Application Information............................................ 19
9.2
Typical Application .................................................. 19
10
Power Supply Recommendations ..................... 21
10.1
Input and ESD Protection ..................................... 21
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
12
Device and Documentation Support ................. 23
12.1
Documentation Support ........................................ 23
12.2
Related Links ........................................................ 23
12.3
Receiving Notification of Documentation Updates 23
12.4
Community Resources.......................................... 23
12.5
Trademarks ........................................................... 23
12.6
Electrostatic Discharge Caution ............................ 23
12.7
Glossary ................................................................ 23
13
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
Changes from Original (July 2017) to Revision A
Page
•
Changed TSV914 14-pin SOIC package from preview to production data in Device Information table................................ 1
•
Deleted TSV911 SC70, SOT-553 and SOIC packages from Device Information table ........................................................ 1
•
Deleted TSV912 VSSOP packages from Device Information table ...................................................................................... 1
•
Added 2017 copyright notice to Low-Side Motor Control ....................................................................................................... 1
•
Deleted TSV911 SC70 and SOIC packages from pinout drawings and Pin Functions table ................................................ 4
•
Deleted TSV912 DGK and DGS packages from pinout images Pin Functions table ............................................................ 5
•
Deleted package preview note from TSV914 pinout drawing and Pin Functions table ........................................................ 6
•
Added TSV914 Thermal Information table ............................................................................................................................ 8
•
Added 2017 copyright notice to Figure 35............................................................................................................................ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com