Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TSV911
Description  Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSV911 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSV911 Datasheet HTML 8Page - Texas Instruments TSV911 Datasheet HTML 9Page - Texas Instruments TSV911 Datasheet HTML 10Page - Texas Instruments TSV911 Datasheet HTML 11Page - Texas Instruments TSV911 Datasheet HTML 12Page - Texas Instruments TSV911 Datasheet HTML 13Page - Texas Instruments TSV911 Datasheet HTML 14Page - Texas Instruments TSV911 Datasheet HTML 15Page - Texas Instruments TSV911 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
30
35
40
45
50
55
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C012
1
2
3
4
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C016
Frequency (Hz)
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
C011
PSRR-
PSRR+
CMRR
±3
±2
±1
0
1
2
3
10
20
30
40
50
60
Output Current (mA)
C009
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
±50
0
50
100
150
200
250
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
IBN
IBP
IOS
C008
Frequency (Hz)
-40
-30
-20
-10
0
10
20
30
40
1k
10k
100k
1M
10M
C007
G = +1
G = +10
G = -1
12
TSV911, TSV912, TSV914
SBOS878A – JULY 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 7. Closed-Loop Gain vs Frequency
Figure 8. Input Bias Current vs Temperature
V+ = 2.75 V, V– = –2.75 V
Figure 9. Output Voltage Swing vs Output Current
Figure 10. CMRR and PSRR vs Frequency
(Referred to Input)
VS = 5.5 V
VCM = (V–) – 0.1 V to
(V+) + 0.1 V
RL= 10 kΩ
TA= –40°C to +125°C
Figure 11. CMRR vs Temperature
VS = 5.5 V
VCM = (V–) –0.1 V to
(V+) –1.4 V
RL= 10 kΩ
TA= –40°C to +125°C
Figure 12. CMRR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com