Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSV911
Description  Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSV911 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSV911 Datasheet HTML 9Page - Texas Instruments TSV911 Datasheet HTML 10Page - Texas Instruments TSV911 Datasheet HTML 11Page - Texas Instruments TSV911 Datasheet HTML 12Page - Texas Instruments TSV911 Datasheet HTML 13Page - Texas Instruments TSV911 Datasheet HTML 14Page - Texas Instruments TSV911 Datasheet HTML 15Page - Texas Instruments TSV911 Datasheet HTML 16Page - Texas Instruments TSV911 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
±120
±100
±80
±60
±40
0.001
0.01
0.1
1
Output Voltage Amplitude (V
RMS)
C018
±120
±100
±80
±60
±40
0.001
0.01
0.1
1
Output Voltage Amplitude (V
RMS)
C019
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
C015
Frequency (Hz)
-120
-115
-110
-105
-100
-95
-90
100
1k
10k
C017
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
C013
Time (1s/div)
C014
13
TSV911, TSV912, TSV914
www.ti.com
SBOS878A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
VS = 2.5 V to 5.5 V
Figure 13. PSRR vs Temperature
VS = 2.5 V to 5.5 V
Figure 14. 0.1-Hz to 10-Hz Input Voltage Noise
Figure 15. Input Voltage Noise Spectral Density vs
Frequency
VS = 5.5 V
VCM = 2.5 V
RL = 2 kΩ
G = 1
VOUT = 0.5 VRMS
BW = 80 kHz
Figure 16. THD + N vs Frequency
VS = 5.5 V
VCM = 2.5 V
RL = 2 kΩ
G = 1
BW = 80 kHz
f = 1 kHz
Figure 17. THD + N vs Amplitude
VS = 5.5 V
VCM = 2.5 V
RL = 2 kΩ
G = –1
BW = 80 kHz
f = 1 kHz
Figure 18. THD + N vs Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com