Electronic Components Datasheet Search
  English  ▼

X  

IW656 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # IW656
Description  USB Power Delivery Controller for AC/DC Power Adapters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656 Datasheet(HTML) 6 Page - Dialog Semiconductor

  IW656 Datasheet HTML 1Page - Dialog Semiconductor IW656 Datasheet HTML 2Page - Dialog Semiconductor IW656 Datasheet HTML 3Page - Dialog Semiconductor IW656 Datasheet HTML 4Page - Dialog Semiconductor IW656 Datasheet HTML 5Page - Dialog Semiconductor IW656 Datasheet HTML 6Page - Dialog Semiconductor IW656 Datasheet HTML 7Page - Dialog Semiconductor IW656 Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iW656
USB Power Delivery Controller for AC/DC Power Adapters
Rev. 1.0
Product Summary
© 2018 Dialog Semiconductor
www.dialog-semiconductor.com
6 of 8
09-Jan-2018
7 Ordering Information
Part Number1
TA
Maximun
Power
(W)
PDO
VID
PID
bcd-
Device
XID
Protocol
Supported
kCC for
default
system
output
current2
Primary-
Side
Controller
Package
Descrip-
tion
iW656-15-04
15
5V/3A,
9V/1.65A
0x2DCF 0x656
0x04
5290
PD2.0
0.495
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-18-00
18
5V/3A,
5.5V/3A,
6V/3A,
7V/2.55A,
8V/2.25A,
9V/2A,
10V/1.8A
0x2DCF 0x656
0x00
5290
PD2.0/
QC2.0/AFC
0.495
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-18-30
18
5V/3A,
5.5V/3A,
6V/3A,
7V/2.55A,
8V/2.25A,
9V/2A,
5-10.6V/
0.4-2A
(VPDO)
0x2DCF 0x656
0x30
5290
PD2.0/
QC2.0
0.495
W1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-21-01
21
5V/3A,
5.5V/3A,
6V/3A,
6.5V/3A,
7V/3A,
8V/2.6A,
9V/2.3A
0x2DCF 0x656
0x01
5290
PD2.0/
QC2.0
0.495
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-24-03
24
5V/3A,
5.5V/3A
6V/3A,
6.5V/3A
7V/3A,
8V/3A,
9V/2.65A,
12V/2A,
15V/1.6A
0x2DCF 0x656
0x03
5290
PD2.0/
QC2.0
0.495
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-24-31
24
5V/3A,
6V/3A,
7V/3A,
8V/3A,
9V/2.65A,
12V/2A,
15V/1.6A,
5-10.6V/
0.4-2.6A
(VPDO)
0x2DCF 0x656
0x31
5290
PD2.0/
QC2.0/AFC
0.495
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-27-21
27
5V/3A,
7V/3A,
9V/3A,
12V/2.25A
0x2DCF 0x656
0x21
5290
PD2.0/
QC3.0
0.417
iW1781 or
iW1791
TDFN12,
3x3
Tape &
Reel3
iW656-30-05
30
5V/3A,
9V/3A,
15V/2A,
20V/1.5A
0x2DCF 0x656
0x05
5290
PD2.0/
QC2.0
0.525
iW1781
TDFN12,
3x3
Tape &
Reel3
iW656-45-08
45
5V/3A,
9V/3A,
15V/3A,
20V/2.25A
0x2DCF 0x656
0x08
5290
PD2.0/
QC2.0
0.417
iW1781
TDFN12,
3x3
Tape &
Reel3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com