Electronic Components Datasheet Search
  English  ▼

X  

IW656 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW656
Description  USB Power Delivery Controller for AC/DC Power Adapters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW656 Datasheet HTML 1Page - Dialog Semiconductor IW656 Datasheet HTML 2Page - Dialog Semiconductor IW656 Datasheet HTML 3Page - Dialog Semiconductor IW656 Datasheet HTML 4Page - Dialog Semiconductor IW656 Datasheet HTML 5Page - Dialog Semiconductor IW656 Datasheet HTML 6Page - Dialog Semiconductor IW656 Datasheet HTML 7Page - Dialog Semiconductor IW656 Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iW656
USB Power Delivery Controller for AC/DC Power Adapters
Rev. 1.0
Product Summary
© 2018 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 8
09-Jan-2018
1 Description
The iW656 is a USB Power Delivery (USB PD) interface controller which handles the communication between a
Power Adapter and Mobile Device (MD). The controller enables the mobile device to alter the VBUS voltage from the
default 5V and/or maximum current limitation (e.g. 3A) for higher power output or better efficiency through the USB PD
2.0 protocol with the USB Type-CTM connector. The iW656 is compatible with USB Type-C Specification Rev. 1.2 with
CC1/CC2 pins for MD attach/detach detection. The iW656 also integrates a high current charge-pump circuit to drive
an external NFET VBUS switch.
The iW656 resides on the secondary side of an AC/DC power supply and negotiates voltage and current settings
depending on the requests from the MD. The iW656 uses Dialog’s proprietary secondary-to-primary digital
communication technology and when paired with Dialog’s primary-side
RapidCharge™ controllers, such as iW1781,
the iW656 eliminates the need for a discrete decoder on the primary side by using one optocoupler to transmit all
necessary information for rapid charging to the primary side. This includes output voltage requests, output current
limits, output voltage undershoot, output over-voltage, and fault and reset signals. The iW656 incorporates Dialog’s
proven and reliable DLNK technology to communicate from the secondary to the primary and also has a built-in
optocoupler LED driver to minimize the bill of material cost.
The power supply designed with the iW656 is fully protected. Using over-voltage protection on the D+/D-/CC1/CC2 pins,
the iW656 helps to address soft short issues in cables and connectors caused by poor or loose connections between the
cable connector and the socket, contamination in the USB connector, or a worn out cable. Additionally, proprietary short
circuit protection on the VBUS NFET ensures safe operation in the event of a short on the output, while the SD pin can be
used with an external NTC resistor for protection from over-temeperature faults.
The iW656 also optionally supports legacy D+/D- communication protocols including Samsung Adaptive Fast Charge
(AFC), Qualcomm® Quick ChargeTM 2.0 and 3.0 (QC2.0/QC3.0) and USB BC1.2. The AFC/QC2.0/QC3.0 protocol can be
disabled by simple power supply circuit configuration.
2 Features
● Supports USB PD 2.0
x
Integrated CC transmitter/receiver supports BMC
communication
● Supports up to 7 Power Data Objects (PDOs)
● Supports wide output voltage range from 3 to 20V
● Supports direct charge through Vendor Defined
Message (VDM)
● Compatible with USB Type-C specification Rev 1.2 for
MD attach/detach detection
● Integrated charge pump supports single NFET VBUS
switch
● Proprietary VBUS NFET short protection to protect VBUS
switch from damage due to an output short circuit
● Proprietary secondary-to-primary digital
3 Applications
● Rapid-charging AC/DC adapters for smart phones,
tablets and other portable devices
communication eliminates discrete decoders on the
primary side and simplifies system designs
● D+/D-/CC1/CC2 over-voltage protection (OVP)
address soft short issues in the output cables and
connectors
● Programmable active fast discharge from a high
voltage VBUS level to 5V at MD unplug or upon
request with built-in switch or external switch
● Intelligent low-power mode helps achieve < 20mW
overall system no-load power consumption during 5V
steady-state operation
● Optionally supports AFC/QC2.0/QC3.0 fast charging
technologies for output voltage and current
negotiation
● 12-pin 3x3mm TDFN package
Qualcomm® Quick Charge
™ 2.0 and 3.0 are products of Qualcomm Technologies, Inc.


Similar Part No. - IW656

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
More results

Similar Description - IW656

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com