Electronic Components Datasheet Search
  English  ▼

X  

IW656 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW656
Description  USB Power Delivery Controller for AC/DC Power Adapters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW656 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW656 Datasheet HTML 1Page - Dialog Semiconductor IW656 Datasheet HTML 2Page - Dialog Semiconductor IW656 Datasheet HTML 3Page - Dialog Semiconductor IW656 Datasheet HTML 4Page - Dialog Semiconductor IW656 Datasheet HTML 5Page - Dialog Semiconductor IW656 Datasheet HTML 6Page - Dialog Semiconductor IW656 Datasheet HTML 7Page - Dialog Semiconductor IW656 Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iW656
USB Power Delivery Controller for AC/DC Power Adapters
Rev. 1.0
Product Summary
© 2018 Dialog Semiconductor
www.dialog-semiconductor.com
3 of 8
09-Jan-2018
4 Pinout Description
Figure 4.1 : 12-Lead TDFN 3x3mm Package
Pin Number
TDFN-12
Pin Name
Type
Pin Description
1
DIS
Analog Output
Discharging circuit. Used for fast discharging of output capacitor.
2
DRV
Analog Output
External circuit drive. Can be used to drive optocoupler LED with
automatic current limiting for transmitting signals to primary side.
3
VCC
Power Supply
IC power supply.
4
DET
Analog Input
Connected to GND for standard PD applications.
5
VBUS
Analog Input/
Output
VBUS voltage monitoring after VBUS switch.
6
VBUS_G
Analog Input/
Output
N-FET VBUS switch driver. Connect to external N-FET gate pin for
gate-source voltage control.
7
CC2
Analog Input/
Output
Configuration Channel 2.
8
CC1
Analog Input/
Output
Configuration Channel 1.
9
SD
Analog Input/
Output
External shutdown control. Can be configured for external
over-temperature protection (OTP) by connecting an NTC resistor
from this pin to Ground.
10
D-
Analog Input/
Output
USB D- signal.
11
GND
Ground
Ground.
12
D+
Analog Input/
Output
USB D+ signal.
iW656
1
2
3
4
11
DIS
DRV
VCC
GND
D-
D+
5
6
7
10
9
8
SD
VBUS_S
VBUS_G
CC2
DET
CC1
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com