Electronic Components Datasheet Search
  English  ▼

X  

PV88080 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # PV88080
Description  High Efficiency Advanced Feature 4-Channel PMIC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

PV88080 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button PV88080 Datasheet HTML 36Page - Dialog Semiconductor PV88080 Datasheet HTML 37Page - Dialog Semiconductor PV88080 Datasheet HTML 38Page - Dialog Semiconductor PV88080 Datasheet HTML 39Page - Dialog Semiconductor PV88080 Datasheet HTML 40Page - Dialog Semiconductor PV88080 Datasheet HTML 41Page - Dialog Semiconductor PV88080 Datasheet HTML 42Page - Dialog Semiconductor PV88080 Datasheet HTML 43Page - Dialog Semiconductor PV88080 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
PV88080
High Efficiency Advanced Feature 4-Channel PMIC
Datasheet
Revision 1.0
13-Jun-2017
CFR0011-120-00
40 of 102
© 2017 Dialog Semiconductor
5.7.1
Function Description with Related Signals
temperature
GPIO2
Reference Voltage 1.2V
nIRQ
Temperature is
going up and over.
Temperature is going
down and below.
Even temperature goes back or enable
goes low, output signal is still latched low
Figure 35: Thermal Sense Function Waveform
Table 23: Electrical Characteristics VDD = 4.75 to 5.25 V
Parameter
Description
Conditions
Min
Typ
Max
Unit
ISRC
Source current for
the external thermal
sensing function
9.7
10
10.3
uA
VOT_THR
Over temperature
threshold
1.164
1.2
1.236
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com