Electronic Components Datasheet Search
  English  ▼

X  

PV88080 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # PV88080
Description  High Efficiency Advanced Feature 4-Channel PMIC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

PV88080 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button PV88080 Datasheet HTML 17Page - Dialog Semiconductor PV88080 Datasheet HTML 18Page - Dialog Semiconductor PV88080 Datasheet HTML 19Page - Dialog Semiconductor PV88080 Datasheet HTML 20Page - Dialog Semiconductor PV88080 Datasheet HTML 21Page - Dialog Semiconductor PV88080 Datasheet HTML 22Page - Dialog Semiconductor PV88080 Datasheet HTML 23Page - Dialog Semiconductor PV88080 Datasheet HTML 24Page - Dialog Semiconductor PV88080 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
PV88080
High Efficiency Advanced Feature 4-Channel PMIC
Datasheet
Revision 1.0
13-Jun-2017
CFR0011-120-00
21 of 102
© 2017 Dialog Semiconductor
3.3.11
Fault Condition
A fault condition is generated by:
An over temperature event,
An under voltage of the 5 V supply
If a fault condition is detected the chip will signal an alert to the other chip, then follow its power down
sequence without waiting for the other chip. At the end of the power down sequence the chip moves
to the RESET state.
In the RESET state the registers, apart from the fault log, are reset and the OTP is reloaded at start-
up.
Table 15: Electrical Characteristics VDD = 4.75 to 5.25 V
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
4.75
5.25
V
VDD_FLT _UPPER
VDD fault upper
4.5
V
VDD_FLT _LWR
VDD fault lower
4.4
V
VDD_FLT_CRIT
VDD fault critical
4.2
V
3.3.12
Digital I/O Signals
Standby Pin (STBY)
The STBY pin is an input which controls the power up sequence of a system containing PV88080. If
STBY=0 the power up sequence is followed to ACTIVE mode. If STBY=1 the power down sequence
is followed to STANDBY mode. STBY should be 0 at power up so that the system boots when power
is applied.
Interrupt Request (nIRQ)
The nIRQ is an active low output signal which indicates that an interrupt causing event has occurred
and status information is available in the related registers. Such information can be temperature,
voltage and over current fault conditions.
When an event bit is set the nIRQ signal is asserted (unless masked by a bit in the IRQ mask
register), the nIRQ is not released until the event registers have been cleared by writing to the related
register with an assigned ‘1’ for the bit to be cleared. The event registers should be written in
PAGE/REPEATED mode because the nIRQ is not cleared until all registers with an asserted event
have been reset. New events that occur during writing to the registers are held until all the event
registers have been written. Then they are passed to the event register, ensuring the SOC does not
miss them.
There are also some reserved options for the digital pins function/definition which are programmable
by the OTP memory. Table 16 shows the list of the options, and the functionality can be realized for
different applications with proper role combinations of the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com