Electronic Components Datasheet Search
  English  ▼

X  

PV88080 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # PV88080
Description  High Efficiency Advanced Feature 4-Channel PMIC
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

PV88080 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button PV88080 Datasheet HTML 70Page - Dialog Semiconductor PV88080 Datasheet HTML 71Page - Dialog Semiconductor PV88080 Datasheet HTML 72Page - Dialog Semiconductor PV88080 Datasheet HTML 73Page - Dialog Semiconductor PV88080 Datasheet HTML 74Page - Dialog Semiconductor PV88080 Datasheet HTML 75Page - Dialog Semiconductor PV88080 Datasheet HTML 76Page - Dialog Semiconductor PV88080 Datasheet HTML 77Page - Dialog Semiconductor PV88080 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
PV88080
High Efficiency Advanced Feature 4-Channel PMIC
Datasheet
Revision 1.0
13-Jun-2017
CFR0011-120-00
74 of 102
© 2017 Dialog Semiconductor
OTP
Value Description
0x0
(POR)
6.3.6
Register SEQ_A
Address
Name
POR value
0x0027
SEQ_A
0x96
7
6
5
4
3
2
1
0
POWER_END
SYSTEM_END
Field Name
Bits Type POR Description
POWER_END [7:4]
RW
OTP
0x9
OTP Pointer - Last Supply of Domain POWER
Value Description
0x9
(POR)
SYSTEM_END [3:0]
RW
OTP
0x6
OTP Pointer - Last Supply of Domain SYSTEM
Value Description
0x6
(POR)
6.3.7
Register SEQ_B
Address
Name
POR value
0x0028
SEQ_B
0x49
7
6
5
4
3
2
1
0
Reserved 0 Reserved 1 Reserved 0 Reserved 0 MAX_COUNT
Field Name
Bits Type POR Description
MAX_COUNT [3:0]
RW
OTP
0x9
OTP Pointer - Last Supply of Domain POWER1
Value Description
0x9
(POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com