Electronic Components Datasheet Search
  English  ▼

X  

TLE4290 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4290 Datasheet HTML 3Page - Infineon Technologies AG TLE4290 Datasheet HTML 4Page - Infineon Technologies AG TLE4290 Datasheet HTML 5Page - Infineon Technologies AG TLE4290 Datasheet HTML 6Page - Infineon Technologies AG TLE4290 Datasheet HTML 7Page - Infineon Technologies AG TLE4290 Datasheet HTML 8Page - Infineon Technologies AG TLE4290 Datasheet HTML 9Page - Infineon Technologies AG TLE4290 Datasheet HTML 10Page - Infineon Technologies AG TLE4290 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet Rev. 1.4
7
2001-10-18
TLE 4290
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
a = 25 °C and
the given supply voltage.
Figure 3
Test Circuit
Power Good switching
threshold
V
Q,pgt-d
3.50
3.65
3.80
V
V
Q decreasing
Power Good output low
voltage
V
PGL
–
0.2
0.4
V
R
PG ≥ 5kΩ;
V
Q > 1 V
Power Good output
leakage current
I
PGH
–
02
µA
V
PG > 4.5 V
Power Good charging
current
I
D,c
36
9
µA
V
D = 1 V
Upper timing threshold
V
DU
1.5
1.8
2.2
V
–
Lower timing threshold
V
DL
0.60
0.85
1.10
V
–
Power Good delay time
t
rd
10
16
22
ms
C
D = 47 nF
Power Good reaction time
t
rr
0.2
0.5
2.0
µs
C
D = 47 nF
1)
Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
Characteristics (cont’d)
V
I = 13.5 V; – 40 °C< Tj <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
AES02824
TLE 4290
5
2
GND
I
D
C
I2
100 nF
C
I1
1000 µF
C
D
47 nF
I
D,C
I
I
V
I
I
Q
R
PG
5 k
V
Q
I
GND
V
PG
C
Q
22 µF
Q
PG
I
D
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com