Electronic Components Datasheet Search
  English  ▼

X  

TLE4290 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low-Drop Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4290 Datasheet HTML 5Page - Infineon Technologies AG TLE4290 Datasheet HTML 6Page - Infineon Technologies AG TLE4290 Datasheet HTML 7Page - Infineon Technologies AG TLE4290 Datasheet HTML 8Page - Infineon Technologies AG TLE4290 Datasheet HTML 9Page - Infineon Technologies AG TLE4290 Datasheet HTML 10Page - Infineon Technologies AG TLE4290 Datasheet HTML 11Page - Infineon Technologies AG TLE4290 Datasheet HTML 12Page - Infineon Technologies AG TLE4290 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet Rev. 1.4
9
2001-10-18
TLE 4290
The power good circuit supervises the output voltage. In case
V
Q falls below the Power
Good switching threshold the Power Good output PG is set LOW after the power good
reaction time. The power good LOW signal is generated down to an output voltage
V
Q
to 1 V. A LOW signal at the power good pin informs that the battery was lost and memory
is no longer valid.
The feature should only be used in combination to a microcontroller with internal reset.
For the power good delay time after the output voltage of the regulator is above the reset
threshold, the reset signal is set High again. The reset delay time is defined by the reset
delay capacitor
C
D at pin D.
The Power Good delay time is defined by the charging time of an external delay
capacitor
C
D.
C
D= (trd × ID,c) / ∆V
With
C
D
Power Good delay capacitor
t
rd
Power Good delay time
∆V
=
V
DU, typical 1.8 V
I
D,c
Charge current typical 6
µA
Figure 5
Power Good Timing
AED03074
Thermal
t rd
Power-on
Voltage Dip
Secondary
Overload
at Output
Spike
VDL
VΙ
V
D
V
PG
D, c
Ι
=
V
d
dt
V
Q
t rr
<
rr
t
VDU
at Input
Undervoltage
Shutdown
CD
Power Good
Signal
Q,pgt_d
V
Q,pgt_i
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com