Electronic Components Datasheet Search
  English  ▼

X  

SLG46531 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG46531
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG46531 Datasheet HTML 9Page - Dialog Semiconductor SLG46531 Datasheet HTML 10Page - Dialog Semiconductor SLG46531 Datasheet HTML 11Page - Dialog Semiconductor SLG46531 Datasheet HTML 12Page - Dialog Semiconductor SLG46531 Datasheet HTML 13Page - Dialog Semiconductor SLG46531 Datasheet HTML 14Page - Dialog Semiconductor SLG46531 Datasheet HTML 15Page - Dialog Semiconductor SLG46531 Datasheet HTML 16Page - Dialog Semiconductor SLG46531 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
SLG46531_DS_109
Page 12 of 169
SLG46531
5.7 IDD Estimator
5.8 Timing Estimator
Table 1. Typical Current estimated for each block
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
I
Current
Chip Quiescent
0.45
0.75
1.12
A
OSC 2 MHz, predivide = 1
41.48
64.00
94.89
A
OSC 2 MHz, predivide = 8
25.68
32.41
43.22
A
OSC 25 kHz, predivide = 1
7.16
7.94
9.25
A
OSC 25 kHz, predivide = 8
6.97
7.60
8.68
A
OSC 25 MHz, predivide = 1
87.25
238.27
428.66
A
OSC 25 MHz, predivide = 1, Force On
87.25
238.27
428.67
A
OSC 25 MHz, predivide = 8
78.01
212.45
390.17
A
ACMP (each)
54.96
52.64
60.81
A
ACMP with buffer (each)
75.06
72.74
81.25
A
Vref (each)
49.70
47.32
55.60
A
Vref with Buffer (each)
71.93
71.27
79.62
A
Table 2. Typical Delay estimated for each block
Symbol Parameter
Note
VDD = 1.8 V
VDD = 3.3V
VDD = 5.0V
Unit
rising falling rising falling rising falling
tpd
Delay
Digital Input without Schmitt Trigger
45
50
19
21
14
15
ns
tpd
Delay
Digital Input with Schmitt Trigger
44
49
19
21
14
15
ns
tpd
Delay
Low Voltage Digital input
46
447
19
195
14
134
ns
tpd
Delay
Digital input-- PMOS
44
-
19
-
14
-
ns
tpd
Delay
Digital input-- NMOS
-
81
-
30
-
20
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 1
48
-
20
-
15
-
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 0
-
46
-
20
-
24
ns
tpd
Delay
LUT2bit(LATCH)
34
33
14
13
10
9
ns
tpd
Delay
LATCH(LUT2bit)
30
34
14
13
10
9
ns
tpd
Delay
LUT3bit(LATCH)
38
37
18
15
13
10
ns
tpd
Delay
LATCH+nRESET(LUT3bit)
45
42
21
17
15
12
ns
tpd
Delay
LATCH
33
5
14
14
ns
tpd
Delay
LUT4bit
28
33
14
13
10
9
ns
tpd
Delay
LUT2bit
31
31
14
13
10
9
ns
tpd
Delay
LUT3bit
35
33
15
13
11
10
ns
tpd
Delay
CNT/DLY
62
68
27
29
19
20
ns
tpd
Delay
DFF
32281412
11
9
ns
tpd
Delay
P_DLY1C
626827291920
ns
tpd
Delay
P_DLY2C
667
656
303
297
225
221
ns
tpd
Delay
P_DLY3C
968
956
440
434
327
322
ns
tpd
Delay
P_DLY4C
1265
1252
576
570
428
423
ns
tpd
Delay
Filter
213
210
84
83
55
55
ns
tpd
Delay
ACMP (5mV across inputs)
1600
1900
1500
1800
1600
1800
ns
tw
width
I/O with 1X push pull (min transmitted)
20
20
20
20
20
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com