Electronic Components Datasheet Search
  English  ▼

X  

SLG46531 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG46531
Description  GreenPAK Programmable Mixed-signal Matrix
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46531 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG46531 Datasheet HTML 1Page - Dialog Semiconductor SLG46531 Datasheet HTML 2Page - Dialog Semiconductor SLG46531 Datasheet HTML 3Page - Dialog Semiconductor SLG46531 Datasheet HTML 4Page - Dialog Semiconductor SLG46531 Datasheet HTML 5Page - Dialog Semiconductor SLG46531 Datasheet HTML 6Page - Dialog Semiconductor SLG46531 Datasheet HTML 7Page - Dialog Semiconductor SLG46531 Datasheet HTML 8Page - Dialog Semiconductor SLG46531 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 170 page
background image
SLG46531_DS_109
Page 2 of 169
SLG46531
2.0 Pin Description
2.1 Functional Pin Description
Pin #
Pin Name Function
1
VDD
Power Supply
2
GPI
General Purpose Input
3
GPIO
General Purpose I/O with OE
4
GPIO
General Purpose I/O
5
GPIO
General Purpose I/O with OE
6
GPIO
General Purpose I/O or Analog Comparator 0 (+)
7
GPIO
General Purpose I/O with OE or External Vref (ACMP0 IN-)
8
SCL/GPIO General Purpose I/O SCL or GPIOD (NMOS open drain only)
9
SDA/GPIO General Purpose I/O SDA or GPIOD (NMOS open drain only)
10
GPIO
General Purpose I/O with OE or Analog Comparator 1 (+)
11
GND
Ground
12
GPIO
General Purpose I/O or External Vref (ACMP1 IN-)
13
GPIO
General Purpose I/O with OE or Analog Comparator 2 (+)
14
GPIO
General Purpose I/O with OE or External Vref (ACMP2 IN-)
15
GPIO
General Purpose I/O or Analog Comparator 3 (+)
16
GPIO
General Purpose I/O with OE
17
GPIO
General Purpose I/O
18
GPIO
General Purpose I/O with OE and Vref output (VREF1)
19
GPIO
General Purpose I/O with OE and Vref output (VREF0)
20
GPIO
General Purpose I/O or External Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com